Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 18Page - Texas Instruments OPA340 Datasheet HTML 19Page - Texas Instruments OPA340 Datasheet HTML 20Page - Texas Instruments OPA340 Datasheet HTML 21Page - Texas Instruments OPA340 Datasheet HTML 22Page - Texas Instruments OPA340 Datasheet HTML 23Page - Texas Instruments OPA340 Datasheet HTML 24Page - Texas Instruments OPA340 Datasheet HTML 25Page - Texas Instruments OPA340 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation, see the following application reports and publications (available for download from
www.ti.com):
•
12-Bit High Speed Micro Power Sampling Analog-To-Digital Converter (SBAS061)
•
A Dual-Polarity, Bidirectional Current-Shunt Monitor (SLYT311)
•
OPA340, OPA2340, OPA4340 EMI Immunity Performance (SBOZ010)
•
Getting the Full Potential from your ADC (SBAA069)
•
Feedback Plots Define Op Amp AC Performance (SBOA015)
•
Capacitive Load Drive Solution Using an Isolation Resistor (TIPD128)
•
Circuit Board Layout Techniques (SLOA089)
11.3 Related Links
Table 1 lists quick access links. Categories include technical documents, support and community resources,
tools and software, and quick access to sample or buy.
Table 1. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
OPA340
Click here
Click here
Click here
Click here
Click here
OPA2340
Click here
Click here
Click here
Click here
Click here
OPA4340
Click here
Click here
Click here
Click here
Click here
11.4 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
11.5 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.6 Trademarks
MicroAmplifier, TINA-TI, E2E are trademarks of Texas Instruments.
WEBENCH is a registered trademark of Texas Instruments.
TINA, DesignSoft are trademarks of DesignSoft, Inc.
All other trademarks are the property of their respective owners.
11.7 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com