Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments OPA340 Datasheet HTML 16Page - Texas Instruments OPA340 Datasheet HTML 17Page - Texas Instruments OPA340 Datasheet HTML 18Page - Texas Instruments OPA340 Datasheet HTML 19Page - Texas Instruments OPA340 Datasheet HTML 20Page - Texas Instruments OPA340 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
40
20
0
-20
-40
1
10
100
1 k
10 k
100 k
1 M
Frequency (Hz)
C = 1 F
1
m
C = 10 nF
1
C = 0
1
17
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting terminal of the
amplifier, as shown in Figure 29. If a steeper attenuation level is required, a two-pole or higher-order filter may be
used.
8.2.1.2 Detailed Design Procedure
The design goals for this circuit include these parameters:
•
A noninverting gain of 10 V/V (20 dB)
•
Design a single-pole response circuit with –3-dB rolloff at 15.9 kHz and 159 Hz
•
Modify the design to increase attenuation level to –40 dB/decade (Sallen-Key Filter)
Use these design values:
•
C1 = 0 nF, 10 nF, 1 µF
•
R1 = 1 kΩ
•
RG = 10 kΩ
•
RF = 90 kΩ
Figure 30 shows how the output voltage of OPA340 changes over frequency depending on the value of C1 with a
constant R1 of 1 kΩ. Without any filtering of the input signal (C1 = 0), the –3-dB effective bandwidth is a function
of the OPA340 unity-gain bandwidth and closed-loop gain, f(–3dB) = UGBW/ACL, where ACL is closed-loop gain
and UGBW denotes unity-gain bandwidth. Thus, for a closed-loop gain = 10, f(–3dB) = 1 MHz/10 =100 kHz; see
Figure 30.
To further limit the output bandwidth, an appropriate choice of C1 must be made: for C1 = 10 nF,
= 15.9 kHz.
To further limit the bandwidth, a larger C1 must be used: choosing C1 = 1 µF,
= 159 Hz (see Figure 30).
8.2.1.3 Application Curve
Figure 30. OPA340 Single-Pole AC Gain vs Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com