Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments OPA340 Datasheet HTML 16Page - Texas Instruments OPA340 Datasheet HTML 17Page - Texas Instruments OPA340 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
ADS7816
12-Bit A/D
DCLOCK
D
OUT
OPA340
+5V
V
IN
V+
2
+In
3
-In
V
REF
8
4
GND
Serial
Interface
1
0.1 F
m
0.1 F
m
7
6
5
NOTE: A/D Input = 0 to V
REF
V
= 0V to 5V for
IN
0V to 5V output.
RC network filters high-frequency noise.
500W
3300pF
CS/SHDN
Copyright © 2016, Texas Instruments Incorporated
10
to
W
20W
OPAx340
V+
V
IN
V
OUT
R
S
R
L
C
L
Copyright © 2016, Texas Instruments Incorporated
14
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Feature Description (continued)
One method of improving capacitive load drive in the unity-gain configuration is to insert a 10-
Ω to 20-Ω resistor
in series with the output, as shown in Figure 25. This resistor significantly reduces ringing with large capacitive
loads. However, if there is a resistive load in parallel with the capacitive load, it creates a voltage divider
introducing a DC error at the output and slightly reduces output swing. This error can be insignificant. For
instance, with RL = 10 kΩ and RS = 20 Ω, there is only an approximate 0.2% error at the output.
When used with the miniature package options of the OPA340 series, the combination is ideal for space-limited
and low-power applications. For further information, consult the ADS7816 data sheet, 12-Bit High Speed Micro
Power Sampling Analog-To-Digital Converter (SBAS061). With the OPA340 in a noninverting configuration, an
RC network at the output of the amplifier can be used to filter high-frequency noise in the signal (see Figure 26).
In the inverting configuration, filtering may be accomplished with a capacitor across the feedback resistor (see
Figure 27).
Figure 25. Series Resistor in Unity-Gain Configuration Improves Capacitive Load Drive
7.3.5 Driving A/D Converters
The OPA340 series operational amplifiers are optimized for driving medium-speed (up to 100 kHz) sampling A/D
converters. However, they also offer excellent performance for higher speed converters. The OPA340 series
provides an effective means of buffering the converter input capacitance and resulting charge injection while
providing signal gain. Figure 26 and Figure 27 show the OPA340 driving an ADS7816. The ADS7816 is a 12-bit,
micro-power sampling converter in the tiny 8-pin VSSOP package.
Figure 26. OPA340 in Noninverting Configuration Driving ADS7816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com