Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Offset Voltage ( V)
m
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Offset Voltage Drift ( V/ C)
m
°
25
20
15
10
5
0
Typical production
distribution of
packaged units.
0
1
2
3
4
5
6
7
8
9
10 11 12 13 15
Output Current (mA)
5
4
3
2
1
0
0
±10
+125 C
°
+25 C
°
-55 C
°
+125 C
°
+25 C
°
-55 C
°
±20
±30
±40
±50
±60 ±70
±80
±90
±100
10M
1M
Frequency (Hz)
100k
6
5
4
3
2
1
0
V = 5.5V
S
V = 2.7V
S
Maximum output
voltage without
slew rate-induced
distortion.
Common-Mode Voltage (V)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1
0
1
2
3
4
5
6
-75
-50
-25
0
25
50
75
100
125
1k
100
10
1
0.1
Temperature ( C)
°
10
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2, unless otherwise noted.
Figure 13. Input Bias Current vs Temperature
Figure 14. Input Bias Current vs Input Common-Mode
Voltage
Figure 15. Output Voltage Swing vs Output Current
Figure 16. Maximum Output Voltage vs Frequency
Figure 17. Offset Voltage Production Distribution
Figure 18. Offset Voltage Drift Magnitude Production
Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com