Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 3 Page - Texas Instruments

  OPA340 Datasheet HTML 1Page - Texas Instruments OPA340 Datasheet HTML 2Page - Texas Instruments OPA340 Datasheet HTML 3Page - Texas Instruments OPA340 Datasheet HTML 4Page - Texas Instruments OPA340 Datasheet HTML 5Page - Texas Instruments OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
3
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA340: DBV Package
5-Pin SOT-23
Top View
OPA340: P and D Packages
8-Pin PDIP and SOIC
Top View
Pin Functions: OPA340
PIN
I/O
DESCRIPTION
NAME
SOT-23
SOIC, PDIP
–IN
4
2
I
Negative (inverting) input
+IN
3
3
I
Positive (noninverting) input
NC
—
1, 5, 8
—
No internal connection (can be left floating)
OUT
1
6
O
Output
V–
2
4
—
Negative (lowest) power supply
V+
5
7
—
Positive (highest) power supply
OPA2340: P, D, and DGK Packages
8-Pin PDIP, SOIC, and VSSOP
Top View
Pin Functions: OPA2340
PIN
I/O
DESCRIPTION
NAME
VSSOP, SOIC,
PDIP
–IN A
2
I
Negative (inverting) input channel A
+IN A
3
I
Positive (noninverting) input channel A
–IN B
6
I
Negative (inverting) input channel B
+IN B
5
I
Positive (noninverting) input channel B
OUT A
1
O
Output channel A
OUT B
7
O
Output channel B
V–
4
—
Negative (lowest) power supply
V+
8
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com