Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 16Page - Texas Instruments OPA340 Datasheet HTML 17Page - Texas Instruments OPA340 Datasheet HTML 18Page - Texas Instruments OPA340 Datasheet HTML 19Page - Texas Instruments OPA340 Datasheet HTML 20Page - Texas Instruments OPA340 Datasheet HTML 21Page - Texas Instruments OPA340 Datasheet HTML 22Page - Texas Instruments OPA340 Datasheet HTML 23Page - Texas Instruments OPA340 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
RG
RF
+
±
Copyright © 2016,
Texas Instruments Incorporated
VIN
VOUT
N/C
–IN
+IN
V–
N/C
V+
OUTPUT
N/C
Use low-ESR, ceramic
bypass capacitor
GND
VS+
Run the input traces
as far away from
the supply lines
as possible
Place components
close to device and
to eachother to
reduce parasitic
errors
GND
VIN
RF
GND
RG
Use low-ESR,
ceramic bypass
capacitor
VS–
VOUT
Copyright © 2016, Texas Instruments Incorporated
20
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Pay attention to good layout practices. Keep traces short and when possible, use a printed-circuit board (PCB)
ground plane with surface-mount components placed as close to the device pins as possible. Place a 0.1-μF
capacitor closely across the supply pins. Apply these guidelines throughout the analog circuit to improve
performance and provide benefits, such as reducing the electromagnetic interference (EMI) susceptibility.
Operational amplifiers vary in susceptibility to radio frequency interference (RFI). RFI can generally be identified
as a variation in offset voltage or DC signal levels with changes in the interfering RF signal. The OPA340 is
specifically designed to minimize susceptibility to RFI and demonstrates remarkably low sensitivity compared to
previous generation devices. Strong RF fields can still cause varying offset levels.
10.2 Layout Example
Figure 33. Layout Recommendation
Figure 34. Schematic Representation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com