Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 3Page - Texas Instruments OPA340 Datasheet HTML 4Page - Texas Instruments OPA340 Datasheet HTML 5Page - Texas Instruments OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
Output voltage swings are measured between the output and power-supply rails.
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
RL = 100 kΩ,
5 mV < VO < (V+) – 5 mV
106
124
dB
RL = 10 kΩ,
5 mV < VO < (V+) – 50 mV
100
120
RL = 2 kΩ,
200 mV < VO < (V+) – 200 mV
94
114
Over temperature
RL = 100 kΩ,
5 mV < VO < (V+) – 5 mV,
TA = –40°C to 85°C, VS = 5 V
106
RL = 10 kΩ,
5 mV < VO < (V+) – 50 mV,
TA = –40°C to 85°C, VS = 5 V
100
RL = 2 kΩ,
200 mV < VO < (V+) – 200 mV,
TA = –40°C to 85°C, VS = 5 V
94
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = 1
5.5
MHz
SR
Slew rate
VS = 5 V, G = 1, CL = 100 pF
6
V/µs
Settling time, 0.1%
VS = 5 V, 2-V step, CL = 100 pF
1
µs
Settling time, 0.01%
VS = 5 V, 2-V step, CL = 100 pF
1.6
µs
Overload recovery time
VIN × G = VS
0.2
µs
THD+N
Total harmonic distortion + noise
VS = 5 V, VO = 3VPP
(2), G = 1,
f = 1 kHz
0.0007%
OUTPUT
Voltage output swing from
rail(2)
RL = 100 kΩ, AOL ≥ 106 dB
1
5
mV
RL = 10 kΩ, AOL ≥ 106 dB
10
RL = 2 kΩ, AOL ≥ 106 dB
40
Over temperature
RL = 100 kΩ, AOL ≥ 106 dB,
TA = –40°C to 85°C, VS = 5 V
5
RL = 10 kΩ, AOL ≥ 106 dB,
TA = –40°C to 85°C, VS = 5 V
50
RL = 2 kΩ, AOL ≥ 106 dB,
TA = –40°C to 85°C, VS = 5 V
200
ISC
Short-circuit current
±50
mA
CLOAD
Capacitive load drive
See Typical Characteristics
POWER SUPPLY
VS
Specified voltage range
2.7
5
V
Operating voltage range
Lower end
2.5
V
Higher end
5.5
IQ
Quiescent current
(per amplifier)
IO = 0, VS = 5 V
750
950
µA
Over temperature
IO = 0, VS = 5 V, TA = –40°C to 85°C
100
TEMPERATURE RANGE
Specified range
–40
85
°C
Operating range
–55
125
°C
Storage range
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com