Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
100
10
1
0.1
Closed-Loop Gain (V/V)
1
10
100
1000
0.1%
0.01%
10k
1000
Load Capacitance (pF)
100
60
50
40
30
20
10
0
G = +1
G = 1
-
G = 5
-
See text for
reducing overshoot.
G = +5
1 s/div
m
1 s/div
m
11
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2, unless otherwise noted.
CL = 100 pF
Figure 19. Small-Signal Step Response
CL = 100 pF
Figure 20. Large-Signal Step Response
Figure 21. Small-Signal Overshoot vs Load Capacitance
Figure 22. Settling Time vs Closed-Loop Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com