Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 2Page - Texas Instruments OPA340 Datasheet HTML 3Page - Texas Instruments OPA340 Datasheet HTML 4Page - Texas Instruments OPA340 Datasheet HTML 5Page - Texas Instruments OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information – OPA2340
THERMAL METRIC(1)
OPA2340
UNIT
D
(SOIC)
DGK
(VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
138.4
169.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
89.5
62.8
°C/W
RθJB
Junction-to-board thermal resistance
78.6
89.8
°C/W
ψJT
Junction-to-top characterization parameter
29.9
7.5
°C/W
ψJB
Junction-to-board characterization parameter
78.1
88.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Thermal Information – OPA4340
THERMAL METRIC(1)
OPA4340
UNIT
DBQ
(SSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
115.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
67
°C/W
RθJB
Junction-to-board thermal resistance
58.3
°C/W
ψJT
Junction-to-top characterization parameter
19.9
°C/W
ψJB
Junction-to-board characterization parameter
57.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
VS = 5 V.
6.7 Electrical Characteristics
At TA = 25°C, RL = 10 kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±150
±500
µV
dVOS/dt
Input offset voltage vs temperature
TA = –40°C to 85°C, VS = 5 V
±2.5
µV/°C
PSRR
Input offset voltage vs
power supply
VS = 2.7 V to 5.5 V, VCM = 0 V
30
120
µV/V
Over temperature
VS = 2.7 V to 5.5 V, VCM = 0 V,
TA = –40°C to 85°C, VS = 5 V
120
µV/°C
Channel separation, DC
0.2
µV/V
INPUT BIAS CURRENT
IS
Input bias current
±0.2
±10
pA
Over temperature
TA = –40°C to 85°C, VS = 5 V
±60
IOS
Input offset current
±0.2
±10
pA
NOISE
Input voltage noise
f = 0.1 kHz to 50 kHz
8
µVRMS
en
Input voltage noise density
f = 1 kHz
25
nV/
√Hz
in
Current noise density
f = 1 kHz
3
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
–0.3
(V+) + 0.3
V
CMRR
Common-mode rejection ratio
–0.3 V < VCM < (V+) – 1.8 V
80
92
dB
VS = 5 V, –0.3 V < VCM < 5.3 V
70
84
VS = 2.7 V, –0.3 V < VCM < 3 V
66
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com