Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 4Page - Texas Instruments OPA340 Datasheet HTML 5Page - Texas Instruments OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
0.1
0.01
0.001
0.0001
Frequency (Hz)
20
100
1k
10k
20k
R = 600
L
G = 10
G = 1
R = 2kW
L
R = 2kW
L
R = 10kW
L
R = 600
L
R = 10kW
L
5k
4k
3k
2k
1k
0
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
G = 100
G = 10
G = 1
10k
1k
100
10
1
1k
100
10
1
0.1
Frequency (Hz)
1
10
100
1k
10k
100k
1M
Current Noise
Voltage Noise
Frequency (Hz)
140
130
120
110
100
100
10
1k
10k
100k
G = 1, All Channels
0.1
1
160
140
120
100
80
60
40
20
0
-20
0
-45
-90
-135
-180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
PSRR
CMRR
8
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2, unless otherwise noted.
Figure 1. Open-Loop Gain/Phase vs Frequency
Figure 2. Power-Supply and Common-Mode Rejection vs
Frequency
Figure 3. Input Voltage and Current Noise Spectral Density
vs Frequency
Figure 4. Channel Separation vs Frequency
Figure 5. Total Harmonic Distortion + Noise vs Frequency
Figure 6. Closed-Loop Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com