Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 5Page - Texas Instruments OPA340 Datasheet HTML 6Page - Texas Instruments OPA340 Datasheet HTML 7Page - Texas Instruments OPA340 Datasheet HTML 8Page - Texas Instruments OPA340 Datasheet HTML 9Page - Texas Instruments OPA340 Datasheet HTML 10Page - Texas Instruments OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Temperature ( C)
°
100
90
80
70
60
50
40
30
20
10
0
-75
-50
-25
0
25
50
75
100
125
-ISC
+I
SC
Supply Voltage (V)
60
50
40
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+I
SC
-ISC
1000
900
800
700
600
500
Temperature ( C)
°
-75
-50
-25
0
25
50
75
100
125
Per Amplifier
Supply Voltage (V)
800
750
700
650
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
130
120
110
100
90
80
Temperature ( C)
°
-75
-50
-25
0
25
50
75
100
125
R = 100kW
L
R = 10kW
L
R = 2kW
L
A
OL
PSRR
100
90
80
70
60
50
40
Temperature ( C)
°
-75
-50
-25
0
25
50
75
100
125
V = 5V, V
= -0.3V to 5.3V
S
CM
V = 2.7V, V
= -0.3V to 3V
S
CM
V = 2.7V to 5V, V
= -0.3V to (V+) 1.8V
-
S
CM
9
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, and RL = 10 kΩ connected to VS/2, unless otherwise noted.
Figure 7. Open-Loop Gain and Power-Supply Rejection vs
Temperature
Figure 8. Common-Mode Rejection vs Temperature
Figure 9. Quiescent Current vs Temperature
Figure 10. Quiescent Current vs Supply Voltage
Figure 11. Short-Circuit Current vs Temperature
Figure 12. Short-Circuit Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com