| Electronic Components Datasheet Search |
|
L99DZ320 Datasheet(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320 Datasheet(HTML) 123 Page - STMicroelectronics |
|
123 / 146 page ![]() Bit Name Description “1” indicates short-circuit condition on LS of HB5 (second overcurrent threshold in overcurrent recovery mode) Bit is latched until a “Read & Clear” command 11 HB4_LS_SC Short-circuit on HB4 low-side: “1” indicates short-circuit condition on LS of HB4 (second overcurrent threshold in overcurrent recovery mode) Bit is latched until a “Read & Clear” command 10:0 RESERVED - 6.5.2 Status register 2 (0x02) Table 108. Status register 2 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R&C Table 109. Status register 2 description Bit Name Description 23 TSD1_CL8 Thermal shutdown of cluster 8 ‘1’ indicates cluster 8 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 22 TSD1_CL7 Thermal shutdown of cluster 7 ‘1’ indicates cluster 7 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 21 TSD1_CL6 Thermal shutdown of cluster 6 ‘1’ indicates cluster 6 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 20 TSD1_CL5 Thermal shutdown of cluster 5 ‘1’ indicates cluster 5 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 19 TSD1_CL4 Thermal shutdown of cluster 4 ‘1’ indicates cluster 4 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 18 TSD1_CL3 Thermal shutdown of cluster 3 ‘1’ indicates luster 3 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 17 TSD1_CL2 Thermal shutdown of cluster 2 ‘1’ indicates cluster 2 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command 16 TSD1_CL1 Thermal shutdown of cluster 1 ‘1’ indicates cluster 1 has reached the thermal shutdown threshold (TSD1) and the output cluster was shutdown Bit is latched until a “Read & Clear” command L99DZ320 SPI Registers DS14235 - Rev 5 page 123/146 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |