Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 13 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 13 Page - Wiha Tools

Back Button 30901 Datasheet HTML 9Page - Wiha Tools 30901 Datasheet HTML 10Page - Wiha Tools 30901 Datasheet HTML 11Page - Wiha Tools 30901 Datasheet HTML 12Page - Wiha Tools 30901 Datasheet HTML 13Page - Wiha Tools 30901 Datasheet HTML 14Page - Wiha Tools 30901 Datasheet HTML 15Page - Wiha Tools 30901 Datasheet HTML 16Page - Wiha Tools 30901 Datasheet HTML 17Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Item
No.
mm
Inch
Pkg.
lbs.
32630
160
6.3
1
.26
Long Flat Nose Pliers DIN ISO 5745
Extra long head. Serrated Jaws are induction hardened. Special C70
tool steel forgings. Use for gripping and right-angled bending of wires
and sheet metal parts. Soft vinyl grips are oil & solvent resistant.
32630
Item
No.
mm
Inch
Pkg.
lbs.
32633
160
6.3
1
.25
Long Round Nose Pliers DIN ISO 5745
Extra long head. Serrated Jaws are induction hardened. Special C70
tool steel forgings. Use for gripping and uniform round bending of wires
and sheet metal parts. Soft vinyl grips are oil & solvent resistant.
32633
Item
No.
mm
Inch
Pkg.
lbs.
32623
160
6.3
#10
1
.28
32625
200
8.0
#8
1
.96
Bent Long Nose Pliers With Cutters DIN ISO 5745
Long nose pliers angled 40O. Extra long cutters for flat and round wire.
Partially Serrated Jaws. Cutting edges additionally induction hardened
to approx. 60 HRC. Special C70 tool steel forgings. Soft vinyl grips are
oil & solvent resistant.
326
Angled 40O
Bent Long Nose Pliers With Cutters
Long Flat Nose Pliers
Long Round Nose Pliers
Cutting Capacity
Copper AWG
Stripping Pliers
Item
No.
mm
Inch
Pkg.
lbs.
32645
160
6.3
#8 - #28
1
.31
Stripping Pliers DIN ISO 5744
Heavy duty forged with induction hardened cutting edges for even
stripping of insulation. Easy to use adjusting screw allows the stripping
diameter to be set. Opening spring for effortless and sensitive handling
of pliers. C70 special tool steel. For Stripping up to Ø 5mm/#4 AWG
conductor cross-section. Soft vinyl grips.
32645
Stripping Capacity
Copper Awg#
13
#57872
mm
Inch
Ø
AWG
Pkg.
lbs.
180
7.0
0.81-2.59
20-10
5
.124
Proturn Stripping Pliers
Wide long head with ridged gripping surface, shears blade and firm wire
stripping stations. With opening spring and locking mechanism. Wire
stripping stations 0.81 / 1.0 / 1.3 / 1.6 / 2.0 / 2.59mm,
AWG 20 / 18 / 16 / 14 / 12 / 10.
57872
Proturn Stripping Pliers
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com