Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 3 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 3 Page - Wiha Tools

  30901 Datasheet HTML 1Page - Wiha Tools 30901 Datasheet HTML 2Page - Wiha Tools 30901 Datasheet HTML 3Page - Wiha Tools 30901 Datasheet HTML 4Page - Wiha Tools 30901 Datasheet HTML 5Page - Wiha Tools 30901 Datasheet HTML 6Page - Wiha Tools 30901 Datasheet HTML 7Page - Wiha Tools 30901 Datasheet HTML 8Page - Wiha Tools 30901 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Precision Electronic Pliers/Cutters
Description
Page
Electronic Diagonal Cutters
28
Wide Pointed Head
Electronic Diagonal Cutters
28
Wide Shape with Wire Holding Spring
Electronic Diagonal Cutters
28
Narrow Shape
Electronic Diagonal Cutters
29
Full Flush Cutters w/Wire Trapping Spring
Electronic Diagonal Cutters
29
48O Front Cutter/Long Nose Pliers
Electronic Diagonal Cutters
29
Oblique 30O Cutting Nippers
Electronic Diagonal Cutters
29
Short Nose Precision Pliers
Electronic Stripping Pliers
25,29
ESD Safe Pliers/Cutters
Description
Page
ESD Safe Diagonal Cutters
30-32
Small, Wide & Oval Tapered Head
ESD Safe Diagonal Cutters
32
With Carbide Cutters
ESD Safe Oblique Angled Cutters 33
ESD Safe Oblique Front Cutters
33
ESD Safe End Cutters
34
ESD Safe Snipe/Bent Nose Pliers 34
ESD Safe Needle Nose Pliers
34
ESD Safe Short Round Nose
35
ESD Safe Short Flat Nose
35
ESD Safe Tool Sets
33,35
ComfortGrip Crimpers
Description
Page
Ratchet End Sleeve Crimper
23
Ratchet Crimper
23
For Standard Connectors
Ratchet Crimper
23
Push On Terminals
Ratchet Crimper
23
For Eye Terminals
Description
Page
PortaCrimp Frame
39
PortaCrimp Dies
40-42
PortaCrimp Sets
39
Professional Crimp Tools
42
Crimping Tools
43-45
Self Adj. Cut & Strip Tools
46
Stripping & Crimping Tools
Description
Page
Proturn Wire Strippers
36
Proturn Pliers
36-37
Precision Cutters/Flush Cut
37-38
Long, Flat, Bent, Round Nose
ESD Safe Proturn Pliers & Cutters
21° & 45° Angle
30 to 20 AWG
3
Industrial SoftGrip Pliers & Cutters
Description
Page
Combination Pliers
24
Linemans Crimpers
24
Stripping Pliers
24
Long Nose Pliers
25
Bent Long Nose Pliers
25
Flat Nose Pliers
25
Long Round Nose
25
Diagonal Cutters
26
Cable Cutters
26
Adjustable Pliers
26
Industrial SoftGrip
27
Tool Sets
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com