Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 20 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 20 Page - Wiha Tools

Back Button 30901 Datasheet HTML 16Page - Wiha Tools 30901 Datasheet HTML 17Page - Wiha Tools 30901 Datasheet HTML 18Page - Wiha Tools 30901 Datasheet HTML 19Page - Wiha Tools 30901 Datasheet HTML 20Page - Wiha Tools 30901 Datasheet HTML 21Page - Wiha Tools 30901 Datasheet HTML 22Page - Wiha Tools 30901 Datasheet HTML 23Page - Wiha Tools 30901 Datasheet HTML 24Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
Precision Machined To
Hold Rings Securely
Saves Time & Money
Improves Productivity
“MagicTips”
Wiha MagicTip Safety Ring Pliers
MagicTip Straight Internal Safety Ring Pliers DIN ISO 5256
Shape C, straight tips. Precision machined tips of Chrome-vanadium special tool
steel. For inserting & removing internal retaining rings.
346
Item
Tip
No.
mm
Inch
Inch
mm
Inch/mm Pkg. lbs.
34615
180
7.1
3/4-2 3/8
19-60
.070/1.5
1
.34
34616
220
8.7
1 1/2-4
40-100
.090/2.3
1
.54
34617
305
12.0
3.5-5.5
85-140
.126/3.2
1
.94
MagicTip 90O Angle Internal Safety Ring Pliers DIN ISO 5254
Shape D, 90O angled tips. Precision machined tips of Chrome-vanadium Special
tool steel. For inserting & removing internal retaining rings. Soft vinyl grips.
346
MagicTip 90O Angle
Safety Ring Pliers - Internal
MagicTip Safety Ring Pliers-Internal
Item
Tip
No.
mm
Inch
Inch
mm
Inch/mm
Pkg.
lbs.
34610
180
7.1
3/4-2 3/8
19-60
.070/1.5
1
.34
34611
220
8.7
1 1/2-4
40-100
.090/2.3
1
.54
34612
305
12.0
3.5-5.5
85-140
.126/3.2
1
.90
Hardened MagicTips are
notched to hold rings securely
on .070, .090 & .126 sizes
High performance precision
notched tips for maximum
stability & secure holding
(Safety notched on .070, .090 & .126)
Heavy duty forged pliers
with soft vinyl grips
Tips made of premium
quality hardened CVM
tool steel, HRC 64
Safety Notched
Patents Pending
· Faster & Easier Application
· Fewer Lost Rings
· Safer To Use
· Saves Time & Money
No Dropped Rings!
Hardened MagicTips are
notched to hold rings securely
on .070, .090 & .126 sizes
Toll Free: (800) 494-6104
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com