Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 40 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 40 Page - Wiha Tools

Back Button 30901 Datasheet HTML 36Page - Wiha Tools 30901 Datasheet HTML 37Page - Wiha Tools 30901 Datasheet HTML 38Page - Wiha Tools 30901 Datasheet HTML 39Page - Wiha Tools 30901 Datasheet HTML 40Page - Wiha Tools 30901 Datasheet HTML 41Page - Wiha Tools 30901 Datasheet HTML 42Page - Wiha Tools 30901 Datasheet HTML 43Page - Wiha Tools 30901 Datasheet HTML 44Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
43128
PortaCrimp Die Set For Green & Yellow Insulated
Terminals & Splices
Item
No.
Crimps
AWG
lbs.
Pkg.
43128
4-6 & 0.1-0.4mm2
26-22 & 12-10
1.2
1
43129
PortaCrimp Die Set For Red & Blue Insulated Terminals
& Splices Die set for 22-14 AWG (0.5 - 2.5mm).
Item
No.
Crimps
AWG
lbs.
Pkg.
43129
1.5-2.5 & 0.5-1.5mm2
22-14
1.2
1
43142
PortaCrimp Die Set For Non-Insulated Terminals,
Lugs & Splices
Item
No.
Crimps
AWG
lbs.
Pkg.
43142
4-6 & 0.5-2.5mm2
12-10 & 22-14
1.2
1
43137
PortaCrimp Die Set For Non-Insulated Terminals,
Lugs & Splices
Item
No.
Crimps
Awg
lbs.
Pkg.
43137
2.5/1.5/0.75mm2
14/16/20
1.2
1
43139
PortaCrimp Die Set For Non-Insulated Terminals,
Lugs & Splices
Item
No.
Crimps
AWG
lbs.
Pkg.
43139
10/6/4mm2
8/10/12
1.2
1
PortaCrimp Wire Ferrules - Insulated & Non-Insulated
Die set for 24-8 AWG (0.25-10mm).
Item
No.
Crimps
AWG
lbs.
Pkg.
43127
10/6/4/2.5/1-1.5/.25-.75mm2
8-24
1.2
1
PortaCrimp Wire Ferrules - Insulated & Non-Insulated
Die set for 6-4 AWG (16-25mm).
Item
No.
Crimps
AWG
lbs.
Pkg.
43153
25 & 16mm2
6 & 4
1.2
1
43153
PortaCrimp Wire Ferrules - Insulated & Non-Insulated
Die set for 2-1/0 AWG (35-50mm).
Item
No.
Crimps
AWG
lbs.
Pkg.
43154
50 & 35mm2
1/0 & 2
1.2
1
43154
43127
One piece die, held together to prevent mix up & loss.
Easily interchangeable crimp dies are kept together
with a special pin to simplify handling.
Reliable
crimping performance is consistent and accurate with
a parallel action stroke, good to 50,000 cycles.
PortaCrimp Open Barrel, Non-Insulated Standard
Commercial Terminals & Lugs - .250”(6.3mm) Push On Terminals
Item
No.
Crimp
AWG
lbs.
Pkg.
43146
4-6/1.5-2.5/0.5-1.0mm2
22-10
1.2
1
43146
PortaCrimp Dies
40
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com