Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 39 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 39 Page - Wiha Tools

Back Button 30901 Datasheet HTML 35Page - Wiha Tools 30901 Datasheet HTML 36Page - Wiha Tools 30901 Datasheet HTML 37Page - Wiha Tools 30901 Datasheet HTML 38Page - Wiha Tools 30901 Datasheet HTML 39Page - Wiha Tools 30901 Datasheet HTML 40Page - Wiha Tools 30901 Datasheet HTML 41Page - Wiha Tools 30901 Datasheet HTML 42Page - Wiha Tools 30901 Datasheet HTML 43Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PortaCrimp Tools
Reliable, ratchet controlled,
ensures consistent and
accurate crimp
Each die
includes
storage
clip
Parallel action mimics
applicator type
performance
One piece dies -
held together to
prevent mix up
and loss
PortaCrimp Dies, Frame & Sets
Tested to
50,000
Crimps
PortaCrimp Tool Frame
PortaCrimp Tool Sets
#43149
mm
Inch
lbs.
Pkg.
234
9.75
1.1
1
PortaCrimp Tool Frame Parallel action frame gives better
performance. Symmetrical pressure with equal force mimics applicator
performance. One piece die held together to prevent mix up and loss.
43149
• Top Quality: 50,000 cycle tested frame for longest life
& consistent performance
• Reliable: Parallel, full cycle, ratchet controlled action ensures
consistent accurate crimps
• Easy To Use: Designed to give user full visibility of the
crimping process
• Versatile: Quickly and easily inter-change crimp dies on the job
• No More Lost Die Parts! Practical design uses guide pin to
keeps die components together
• Practical: Pocket size dies are compact & easy to carry
• Ergonomic: Reduced effort ratchet assisted crimping use one
hand or two with extended grip
• Economical: One tool frame to do the job of many, select only
the dies you need
43190
4 Piece PortaCrimp Die Set Electrical
Reliable, ratchet controlled, ensures consistent and accurate crimp.
Item
No.
Set includes: Tool frame &
lbs.
Pkg.
43190
43129, 43128, 43142
5.0
1
43191
4 Piece PortaCrimp Die Set Industrial
Reliable, ratchet controlled, ensures consistent and accurate crimp.
Item
No.
Set includes: Tool Frame &
lbs.
Pkg.
43191
43129, 43127, 43147
5.0
1
43192
4 Piece PortaCrimp Die Set Data Com Telco
Reliable, ratchet controlled, ensures consistent and accurate crimp.
Item
No.
Set includes: Tool Frame &
lbs.
Pkg.
43192
43144, 43136, 43132
5.0
1
39
www.wihatools.com
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com