Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 34 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 30901 Datasheet HTML 30Page - Wiha Tools 30901 Datasheet HTML 31Page - Wiha Tools 30901 Datasheet HTML 32Page - Wiha Tools 30901 Datasheet HTML 33Page - Wiha Tools 30901 Datasheet HTML 34Page - Wiha Tools 30901 Datasheet HTML 35Page - Wiha Tools 30901 Datasheet HTML 36Page - Wiha Tools 30901 Datasheet HTML 37Page - Wiha Tools 30901 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
#32732
mm
Inch
Copper
Tip Wdth
Pkg.
lbs.
130
5.1
0.6
4.1mm
1
.16
End Cutters, Extra Slim, Semi Flush
End Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32732
Semi Flush
Short Snipe Nose
Flush
Bent Snipe Nose 45O
#32734
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.4
11.0mm
1
.18
End Cutters, Wide Head, Flush
End Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32734
#32742
mm
Inch
Head Wdth
Pkg.
lbs.
120
4 3/4
9.5mm
1
.20
ESD Safe Pliers, Short Snipe Nose (Chain Nose)
Straight, Serrated Jaws
Pliers drop-forged for an ideal material structure. Precisely aligned,
jaws, hardened. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32742
#32744
mm
Inch
Head Wdth
Pkg.
lbs.
120
4 3/4
9.5mm
1
.20
ESD Safe Pliers, Snipe Nose (Chain Nose)
Bent 45O, Smooth Jaws
Pliers drop-forged for an ideal material structure. Precisely aligned,
jaws, hardened. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32744
Long Needle Nose
ESD Safe Pliers, Long Needle Nose Pliers,
Straight, Serrated Jaws
Pliers drop-forged for an ideal material structure. Precisely aligned,
jaws, hardened. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
#32746
mm
Inch
Head Wdth
Pkg.
lbs.
145
5 3/4
12.0mm
1
.27
32746
130mm
2.9mm
6.0mm
16.5mm
7.0mm
Tip Width
115mm
7.5mm
11.5mm
120mm
6.5mm
9.5mm
120mm
6.5mm
9.5mm
145mm
7.5mm
12.0mm
Wiha ESD Safe Pliers & Cutters
End Cutters Wide Head
End Cutters Extra Slim
ESD Safe Pliers
ESD Safe Pliers
ESD Safe Pliers
D
D
D
D
D
34
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com