Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 41 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 41 Page - Wiha Tools

Back Button 30901 Datasheet HTML 37Page - Wiha Tools 30901 Datasheet HTML 38Page - Wiha Tools 30901 Datasheet HTML 39Page - Wiha Tools 30901 Datasheet HTML 40Page - Wiha Tools 30901 Datasheet HTML 41Page - Wiha Tools 30901 Datasheet HTML 42Page - Wiha Tools 30901 Datasheet HTML 43Page - Wiha Tools 30901 Datasheet HTML 44Page - Wiha Tools 30901 Datasheet HTML 45Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PortaCrimp Coaxial Network & Communications
Die set for RG58, RG59, RG62AU BNC/TNC Coaxial Connectors
(.213”/.255”/.068” hex).
Item
Crimps
No.
1.69/5.41/6.48mm
lbs.
Pkg.
43136
(.213/.255/.068”hex)
1.2
1
43136
PortaCrimp Coaxial Network & Communications, CATV,
HDTV, Video Die set for RG6, Belden 1694A, Twinax BNC, CATV F
Coaxial Connectors (.360”/.324” Hex).
Item
No.
Crimps
lbs.
Pkg.
43138
9.14 & 8.23mm
(.360/.324”)
1.2
1
43138
PortaCrimp Coaxial Network & Communications
Die set for RG174, RG179 BNC/TNC Coaxil Connectors
(.178”/.128”/.068” Hex, .028”(0.7mm)Sq.
Item
Crimps
No.
4.52/3.25/1.69mm hex 0.7mm sq.
lbs.
Pkg.
43140
(.178”/.128”/.068” hex, .028” sq.)
1.2
1
43140
PortaCrimp Datacom/Telecom Modular Plug
Die set for 8-position 8-contact (RJ45).
Item No.
RJ45
lbs.
Pkg.
43144
1.2
1
43144
PortaCrimp Dies
PortaCrimp Weather Pack Open Barrel Terminals
Item
No.
Crimps
AWG
lbs.
Pkg.
43143
3.0-0.5mm2
12-20
1.2
1
43143
PortaCrimp Fiber Optic Die set for SMA, SMB, SFR, ST, SC
fiber optic connectors (.178”/.213”/.151”/.128” hex)
Item
No.
Crimps
lbs.
Pkg.
43141
4.52/5.41/3.84/3.25mm
(.178/.213/.151/.128”)
1.2
1
43141
PortaCrimp Open Barrel Non-Insulated Push On Terminals
DIN 46247-1 .110” (2.8mm) Tab
Item
No.
Crimps
AWG
lbs.
Pkg.
43150
0.5-1.0/0.25-0.5/0.1-0.25mm2
26-18
1.2
1
43150
PortaCrimp Open Barrel Non-Insulated Push On Terminals
DIN 46247-2 .187” (4.8mm) Tab
Item
No.
Crimps
AWG
lbs.
Pkg.
43151
1.5-2.5 & 0.5-1.5mm2
22-14
1.2
1
43151
One piece die, held together to prevent mix up & loss. Easily interchangeable
crimp dies are kept together with a special pin to simplify handling.
Reliable crimping performance is consistent & accurate with a parallel
action stroke, good to 50,000 cycles.
41
PortaCrimp Datacom/Telecom Modular Plug
Die set for 6-position 6-contact (RJ11).
Item No.
RJ11
lbs.
Pkg.
43132
1.2
1
43132
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com