Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 4 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 4 Page - Wiha Tools

  30901 Datasheet HTML 1Page - Wiha Tools 30901 Datasheet HTML 2Page - Wiha Tools 30901 Datasheet HTML 3Page - Wiha Tools 30901 Datasheet HTML 4Page - Wiha Tools 30901 Datasheet HTML 5Page - Wiha Tools 30901 Datasheet HTML 6Page - Wiha Tools 30901 Datasheet HTML 7Page - Wiha Tools 30901 Datasheet HTML 8Page - Wiha Tools 30901 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Insulated Combination Lineman’s Pliers
Item
No.
mm
Inch
Pkg.
lbs.
32814
160
6.3
#10
1
.53
32816
180
7.0
#9
1
.58
32818
200
8.0
#8
1
.72
Combination Pliers. Insulation According to VDE 0682/part
201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to
1000 Volt. Individually Tested. DIN ISO 5746 Extra long cutting edge
for flat & round cables. Cutting edges additionally induction hardened to
approx. 60HRC. Special C70 tool steel forgings, Chrome finish. Use for
gripping and holding as well as cutting soft and hard wires and cables.
328
Safety slip
guard
Chrome finish
for long lasting
corrosion
protection
Cutters additionally
induction hardened
Wiha Insulated Pliers & Cutters
1000V
Insulation Standards:
EN/IEC 60900, ASTM F-1505-01,
VDE 0682/part 201, NFPA70E and CSA
Tools Meet 10,000 Volt
Test Standards
Certified to 1000 Volt ac
or 1500 Volt dc
Insulated High Leverage Combination Pliers
1000volt
Lineman’s
Item
No.
mm
Inch
Pkg.
lbs.
32820
225
9.0
#4
1
.86
High Leverage Combination Pliers. Insulation According
to EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to
1000 Volt. Individually Tested. DIN ISO 5746 Extra long cutting edge
for flat and round cables. Cutting edges additionally induction hardened
to approx. 64HRC. C70 Special tool steel. Use for gripping, pulling &
holding as well as cutting wires and cables ranging in hardness from soft
to extremely hard. Two component soft grip ergonomic handles.
32820
Cutting Capacity
Copper AWG
Cutting Capacity
Copper AWG
Insulated Lineman’s Pliers With Crimpers
Item
No.
mm
Inch
Pkg.
lbs.
32821
225
9.0
#4
1
.88
Insulated Lineman’s Pliers “5-in-1” Professional Design
Insulation According to EN/IEC, ASTM, NFPA70E & CSA,
up to
1000 Volt. Individually Tested. Deep cut radius conduit jaws for
non-slip griping. Extra long induction hardened precision matched
cutting edges. Lower crimping jaw accepts most standard non-insulated
electrical connectors. Large head with square anvil surface on each
side. Made from premium C70 tool steel forgings.
32821
1000volt
Cutting Capacity
Copper AWG
5-in-1 Lineman’s Pliers
With lower crimping jaw
1000volt
4
Serrated jaws
Item
No.
mm
Inch
mm2
AWG
Pkg.
lbs.
32841
180
7.0
0.25-2.5
6-30
1
.57
Insulated Crimping Pliers. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E
and CSA,
up to 1000 Volt. Individually Tested.
Semi-circular profiles for secure connection between end sleeve and
conductor. Long life is achieved through additional induction hardening
to 64HRC. C70 special tool steel hardened & tempered.
32841
Insulated Crimping Pliers
Wiha Canvas Pliers Holster
Pliers Canvas Holster
Item
Width
Height
No.
Size
Size
lbs. pkg.
91256
3.5
x
6.75
.15
1
91256
· Canvas holster with belt clip and belt loop
· Security pliers strap
· Screwdriver holder in the front
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com