Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 30 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 30 Page - Wiha Tools

Back Button 30901 Datasheet HTML 26Page - Wiha Tools 30901 Datasheet HTML 27Page - Wiha Tools 30901 Datasheet HTML 28Page - Wiha Tools 30901 Datasheet HTML 29Page - Wiha Tools 30901 Datasheet HTML 30Page - Wiha Tools 30901 Datasheet HTML 31Page - Wiha Tools 30901 Datasheet HTML 32Page - Wiha Tools 30901 Datasheet HTML 33Page - Wiha Tools 30901 Datasheet HTML 34Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Hardened & annealed high carbon tool
steel, induction hardened cutting edges
#32703
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.0
9.5mm
1
.19
Precision Cutters, Small Tapered Head, Semi Flush
Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32703
Semi Flush
Semi Flush
Flush
Flush
#32705
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.0
9.5mm
1
.19
Precision Cutters, Small Tapered Head, Flush
Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32705
#32702
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.0
9.5mm
1
.19
Precision Cutters, Small Tapered Head With Hollow
Ground Back, Semi Flush
Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32702
#32704
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.0
9.5mm
1
.19
Precision Cutters, Small Tapered Head With Hollow
Ground Back, Flush
Cutters drop-forged for an ideal material structure. Precise aligned
cutting edges are additionally induction hardened at a hardness of
Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32704
Box joint for longer tool
life & endurance, mirror
polished finish
ESD standard
IEC 61340-5-1
Welded double
leaf spring
Two component
handle with non-slip
soft grip surface,
protects the hand
and reduces manual
effort & user fatigue
Beveled Cutter
Semi-Flush Cutter
Flush Cutter
Ultra Full Flush
Wiha ESD Safe Pliers & Cutters
Precision Cutters Tapered Head
Precision Cutters Tapered Head
Precision Cutters Tapered Head
7.5mm
9.5mm
6.0mm
9.5mm
7.5mm
9.5mm
6.0mm
9.5mm
115mm
115mm
115mm
115mm
Precision Cutters Tapered Head
D
D
D
D
D
30
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com