Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 45 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 45 Page - Wiha Tools

Back Button 30901 Datasheet HTML 40Page - Wiha Tools 30901 Datasheet HTML 41Page - Wiha Tools 30901 Datasheet HTML 42Page - Wiha Tools 30901 Datasheet HTML 43Page - Wiha Tools 30901 Datasheet HTML 44Page - Wiha Tools 30901 Datasheet HTML 45Page - Wiha Tools 30901 Datasheet HTML 46Page - Wiha Tools 30901 Datasheet HTML 47Page - Wiha Tools 30901 Datasheet HTML 48Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
45
Item
No.
mm
Inch
mm2
AWG
Pkg.
lbs.
32604
145
5.75
0.25-2.5
14-32
1
.29
32605
180
7.0
0.25-16
6-32
1
.57
Crimping Pliers DIN ISO 5743
Semi-circular profiles for secure connection between end sleeve and
conductor. Long life is achieved through additional induction hardening to
64 HRC. CV 60 special tool steel hardened & tempered. Soft vinyl grips.
326
Soft Grip Crimping Pliers
(See other soft vinyl grip pliers & cutters on pages 16-22)
Ergo D Sub UnInsulated/Open Barrel Crimping Tool
#43617
mm Inch
AWG
lbs.
Pkg.
212 8.35
28 - 20 (0.08-0.5mm2)
1.1
1
Ergonomic D Sub UnInsulated/Open Barrel Crimping Tool
Precision ratchet crimp tool designed to provide consistent & reliable
crimp connections on UnInsulated/Open Barrel, D Sub wires ranging
from 0.08 - 0.5mm2. Ratchet action to ensure full crimp cycle with safety
release. Factory set for precise crimping to guarantee performance.
43617
Crimp Profile
High Density Type
Die Profile
End Splices/Ferrules Crimping Tool
#43647
mm
Inch
AWG
lbs.
Pkg.
197
7.75
22 - 10 (0.5-6.0mm2)
.82
1
Insulated & UnInsulated End Splices/Ferrules Crimping
Tool Precision ratchet crimp tool designed to provide consistent &
reliable crimp connections on end splices/ferrules terminals on wires
ranging from 0.5 - 6.0mm2. Front entry for easy access within confined
spaces. Ratchet action to ensure full crimp cycle with safety release.
Factory set for precise crimping to guarantee performance. Two
component comfort grip handle.
43647
Self adjusting
front entry
crimp
Die Profile
50,000 Cycle Rated
50,000 Cycle Rated
Crimping Tools
www.wihatools.com
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com