Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 5 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 5 Page - Wiha Tools

  30901 Datasheet HTML 1Page - Wiha Tools 30901 Datasheet HTML 2Page - Wiha Tools 30901 Datasheet HTML 3Page - Wiha Tools 30901 Datasheet HTML 4Page - Wiha Tools 30901 Datasheet HTML 5Page - Wiha Tools 30901 Datasheet HTML 6Page - Wiha Tools 30901 Datasheet HTML 7Page - Wiha Tools 30901 Datasheet HTML 8Page - Wiha Tools 30901 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Insulated Diagonal Cutters
1000volt
Item
No.
mm
Inch
Pkg.
lbs.
32830
140
5.5
#6
1
.47
32832
160
6.3
#6
1
.49
32834
180
7.0
#6
1
.62
Diagonal Cutters. Insulation According to VDE 0682/part 201,
EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000
Volt.
Individually Tested. DIN ISO 5749 Low wear lap joint, riveted
and able to withstand high levels of load. Lightweight action, clean
cutting. Long term cutting is achieved through additional inductive
hardening to approx. 60HRC. Special tool steel hardened & tempered.
For soft & medium hard wire. 32832 & 32834 for soft, hard & piano wire.
328
Cutting Capacity
Copper AWG
1000volt
Item
No.
mm
Inch
Pkg.
lbs.
32835
160
6.3
#6
1
.64
32836
180
7.0
#5
1
.67
32838
200
8.0
#4
1
.80
High Leverage Diagonal Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and
CSA,
up to 1000 Volt. Individually Tested. DIN ISO 5749
Semi-circular. Low wear lap joint, riveted and able to withstand high
levels of load. Lightweight action, clean cutting. Long term cutting is
achieved through additional inductive hardening to approx. 64HRC.
C70 special tool steel hardened and tempered to high quality. For soft,
hard and piano wire, lay-on joint, optimized power transmission.
328
Insulated High Leverage Diagonal Cutters
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
lbs.
32861
160
6.3
#6
1
.55
Diagonal Cutters W/Stripping Holes. Insulation According
to VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E
and CSA,
up to 1000 Volt. Individually Tested.
Drop-forged from special tool steel, cutters additionally induction
hardened (approx. 60HRC), chrome-nickel plated, mirror-polished.
Ergonomic comfort grip with slip guard. Holes in the cutting edge for
stripping copper wire of Ø 1.5 and 2.5. Strips AWG sizes #10 & #14.
32861
Insulated Electrician’s Diagonal Cutters
1000volt
Cutting Capacity
Copper AWG
5
1000volt
Item
No.
mm
Inch
Ø
mm2
Pkg.
lbs.
32826
160
6.3
16
50
1
.42
32828
200
8.0
20
60
1
.67
Serrated Edge Cable Cutters. Insulation According to VDE
0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000 Volt. Individually Tested. Light, clean cutting ground
precision cutting edges. Durable cutting is achieved through additional
inductive hardening to approx. 62HRC. Special tool steel, hardened &
tempered. For cutting of copper & aluminum cables without crushing.
328
Insulated Serrated Edge Cable Cutters
Stripping Pliers. Insulation According to VDE 0682/part 201,
EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000
Volt. Individually Tested. Heavy duty forged with induction hardened
cutting edges for even stripping of insulation. Drop-forged from special
tool steel, chrome & nickel plated, mirror-polished. Ergo comfort grip with
slip guard. Spring & adjusting screw, for stripping up to Ø 5mm/#4 Awg.
32860
Item
No.
mm
Inch
Pkg.
lbs.
32860
160
6.3
#8 - #28
1
.50
1000volt
Insulated Stripping Pliers
Stripping Capacity
Copper AWG
New dynamic joint provides
40% easier cuts and
significantly longer tool life
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com