Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 6 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 30901 Datasheet HTML 2Page - Wiha Tools 30901 Datasheet HTML 3Page - Wiha Tools 30901 Datasheet HTML 4Page - Wiha Tools 30901 Datasheet HTML 5Page - Wiha Tools 30901 Datasheet HTML 6Page - Wiha Tools 30901 Datasheet HTML 7Page - Wiha Tools 30901 Datasheet HTML 8Page - Wiha Tools 30901 Datasheet HTML 9Page - Wiha Tools 30901 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Item
No.
mm
Inch
Pkg.
lbs.
32804
200
8.0
#8
1
.43
32807
160
6.3
#10
1
.32
Bent Nose Pliers With Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and
CSA,
up to 1000 Volt. Individually Tested.
Drop-forged from C70 special tool steel, cutters additionally induction
hardened (approx. 60HRC), chrome-nickel plated, mirror-polished.
Ergonomic comfort grip with slip guard. Half-round jaws, serrated
gripping surface, nose bent 40o.
328
Insulated Bent Nose Pliers
Angled 40O
1000volt
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
lbs.
32870
160
6.3
1
.34
Round Nose Pliers. Insulation According to VDE 0682/part
201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to
1000 Volt. Individually Tested. Drop-forged from C70 special tool
steel, individually induction hardened, chrome and nickel plated,
mirror-polished. Ergonomic comfort grip with slip guard. Serrated jaws.
32870
1000volt
Round Nose Pliers
Item
No.
mm
Inch
Pkg.
lbs.
32810
160
6.3
1
.39
Long Flat Nose Pliers. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and
CSA,
up to 1000 Volt. Individually Tested. DIN ISO 5745
Extra long head. Serrated Jaws are induction hardened. Special C70
tool steel forgings, Chrome finish. Two component Soft Grip handles.
Use for Gripping and right-angle bending of wires and sheet metal parts.
32810
1000volt
Insulated Long Flat Nose Pliers
6
Insulated Long Nose Pliers
1000volt
Item
No.
mm
Inch
Pkg.
lbs.
32806
160
6.3
#10
1
.32
32808
200
8.0
#8
1
.42
Long Nose Pliers With Cutters. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA,
up to 1000 Volt. Individually Tested. Drop-forged from C70 special
tool steel, cutters additionally induction hardened (approx. 60HRC),
chrome-nickel plated, mirror-polished, ergonomic comfort grip with slip
guard, half-round jaws, serrated gripping surface.
328
Cutting Capacity
Copper AWG
High Voltage Double-Insulated Ratcheting Cable Cutters
High leverage ratchet cable cutter with shear type blades cuts stranded and
flexible copper and aluminum cable. Not for use on steel. Features built in
safety release in all cutting positions, and high-visibility comfort grip handles.
Item
OAL OAL
up to
Inch
No.
mm
Inch
MCM Dia.
Capacity lbs.
pkg.
11960
250
10.0”
500
1.25”
32ml
1.58
1
11975
280
11.0”
750
2.0”
52ml
2.02
1
1000Volt
119
Insulation: VDE,
EN/IEC, ASTM,
NFPA70E and
CSA,1000 Volt.
Individually Tested.
Wiha Insulated Ratcheting Cable Cutters
Insulated ACSR Ratcheting Cable Cutter
Replaceable tool steel cutting blades are securely mounted for accurate
cutting. Handles lock in closed position for easier storage. High leverage
ratchet mechanism for best cutting performance.
Item
OAL OAL
up to
Inch
No.
mm
Inch
MCM Dia.
Capacity lbs.
pkg.
11980
353
13.9
477
1.25”
32ml
3.42
1
1000Volt
11980
Insulation: VDE, EN/IEC, ASTM, NFPA70E, CSA & OSHA
Tested to 10,000 volts with 1000 volts safety rating
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com