Electronic Components Datasheet Search
  English  ▼

X  

30901 Datasheet(PDF) 16 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 16 Page - Wiha Tools

Back Button 30901 Datasheet HTML 12Page - Wiha Tools 30901 Datasheet HTML 13Page - Wiha Tools 30901 Datasheet HTML 14Page - Wiha Tools 30901 Datasheet HTML 15Page - Wiha Tools 30901 Datasheet HTML 16Page - Wiha Tools 30901 Datasheet HTML 17Page - Wiha Tools 30901 Datasheet HTML 18Page - Wiha Tools 30901 Datasheet HTML 19Page - Wiha Tools 30901 Datasheet HTML 20Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
Item#
32648 Set Includes:
lbs. .78
32621 - Long Nose Pliers With Cutters - 8.0”
32642 - Diagonal Cutters - 6.3”
2 Piece Pliers & Cutters Set
Drop-forged from special tool steel, individually high frequency induction
hardened. Precision formed. Soft vinyl grips, oil & solvent resistant.
32648
Item
No.
mm
Inch
Pkg.
lbs.
32610
145
5.75
1
.05
SoftGrip Electrician’s & Craftsman Shears
Item
No.
mm
Inch
Pkg.
lbs.
32611
145
5.75
1
.05
Multipurpose Electrician’s Heavy Duty Shears
High alloy carbon steel, hardened, burnished surface. Sturdy model,
straight, very robust, micro-toothed cutting.
32610
32611
Item#
32698 Set Includes:
lbs. 1.39
32606 - Combination Pliers
32642 - Diagonal Cutters
32618 - Long Nose Pliers
3 Piece Pliers & Cutters Set
Drop-forged from special tool steel, individually high frequency induction
hardened. Precision formed. Soft vinyl grips, oil & solvent resistant.
32698
Wiha Soft Grip Pliers & Cutters
#32610
#32611
Item
No.
mm
Inch
Pkg.
lbs.
32657
160
6.3
#6
1
.41
32658
180
7.0
#6
1
.61
32659
200
8.0
#6
1
.75
High Leverage End Cutting Nippers DIN ISO 5749 Low wear
lap joint, riveted and able to withstand high levels of load. Low force
action, clean cutting. Long life cutting edges are achieved through additional
induction hardening to approx. 60 HRC. Special C70 tool steel forgings
hardened and tempered. Soft vinyl grips are oil & solvent resistant.
326
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg.
lbs.
32671
180
7.0
1
.62
32672
200
8.0
1
.86
Carpenter’s End Nippers DIN ISO 9243
High cutting performance and reduced effort achieved through the
precise formation of the cutting blade after assembly. Long life cutting
edges achieved by additional induction hardening. Special C70 tool steel,
hardened and tempered. Soft vinyl grips are oil & solvent resistant.
326
Item
No.
mm
Inch
Pkg.
lbs.
32674
220
8.75
#12
1
.76
32676
250
10.0
#12
1
.98
32678
280
11.0
#12
1
1.00
32680
300
12.0
#12
1
1.06
Mason Nippers DIN ISO 9243
High cutting performance and reduced effort achieved through the
precise formation of the cutting blade after assembly. Long life induction
hardened cutting edges. Special C70 tool steel, hardened & tempered.
Soft vinyl Grips are oil & solvent resistant.
326
Cutting Capacity
Hard Wire AWG
Wiha Soft Grip Nippers
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com