Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 13Page - Texas Instruments TMUX6213 Datasheet HTML 14Page - Texas Instruments TMUX6213 Datasheet HTML 15Page - Texas Instruments TMUX6213 Datasheet HTML 16Page - Texas Instruments TMUX6213 Datasheet HTML 17Page - Texas Instruments TMUX6213 Datasheet HTML 18Page - Texas Instruments TMUX6213 Datasheet HTML 19Page - Texas Instruments TMUX6213 Datasheet HTML 20Page - Texas Instruments TMUX6213 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
6.14 Typical Characteristics (continued)
at TA = 25°C (unless otherwise noted)
VDD = 36 V, VSS = 0 V
Figure 6-19. TON and TOFF vs Temperature
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
1k
10k
100k
1M
10M
100M
100
VDD = 15V, VSS = –15V
VDD = 5V, VSS = –5V
Figure 6-20. Off-Isolation vs Frequency
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
1k
10k
100k
1M
10M
100M
100
VDD = 36V, VSS = 0V
VDD = 12V, VSS = 0V
Figure 6-21. Off-Isolation vs Frequency
VDD = +15 V, VSS = -15 V
Figure 6-22. Crosstalk vs Frequency
Frequency (Hz)
0.0002
0.0003
0.0004
0.0005
0.0006
0.0007
0.0008
0.001
0.002
10
100
1k
10k
VDD = 15V, VSS = –15V
VDD = 5V, VSS = –5V
Figure 6-23. THD+N vs Frequency (Dual Supplies)
Figure 6-24. THD+N vs Frequency (Single Supplies)
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com