Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6213 Datasheet HTML 1Page - Texas Instruments TMUX6213 Datasheet HTML 2Page - Texas Instruments TMUX6213 Datasheet HTML 3Page - Texas Instruments TMUX6213 Datasheet HTML 4Page - Texas Instruments TMUX6213 Datasheet HTML 5Page - Texas Instruments TMUX6213 Datasheet HTML 6Page - Texas Instruments TMUX6213 Datasheet HTML 7Page - Texas Instruments TMUX6213 Datasheet HTML 8Page - Texas Instruments TMUX6213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
1 Features
• Dual supply range: ±4.5V to ±18V
• Single supply range: 4.5V to 36V
• Low on-resistance: 2Ω
• High current support: 330mA (maximum) (WQFN)
• High current support: 220mA (maximum) (TSSOP)
• –40°C to +125°C operating temperature
• 1.8V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation
2 Applications
• Sample-and-hold circuits
• Feedback gain switching
• Signal isolation
• Field transmitters
• Programmable logic controllers (PLC)
• Factory automation and control
• Ultrasound scanners
• Patient monitoring and diagnostics
• Electrocardiogram (ECG)
• Data acquisition systems (DAQ)
• Semiconductor test equipment
• LCD test
• Instrumentation: lab, analytical, portable
• Ultrasonic smart meters: water and gas
• Optical networking
• Optical test equipment
3 Description
The TMUX6211, TMUX6212, and TMUX6213 are
complementary metal-oxide semiconductor (CMOS)
switches with four independently selectable 1:1,
single-pole, single-throw (SPST) switch channels. The
devices work with a single supply (4.5V to 36V),
dual supplies (±4.5V to ±18V), or asymmetric supplies
(such as VDD = 12V, VSS = –5V). The TMUX621x
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from VSS to
VDD.
The switches of the TMUX621x are controlled with
appropriate logic control inputs on the SELx pins. The
TMUX621x are part of the precision switches and
multiplexers family of devices and have very low on
and off leakage currents allowing them to be used in
high precision measurement applications.
Table 3-1. Device Information
PART NUMBER (1)
SWITCH
PACKAGE (2)
TMUX6211
Logic Low
PW (TSSOP, 16)
RUM (WQFN,16)
TMUX6212
Logic High
TMUX6213
Logic Low + Logic
High
(1)
See Device Comparison.
(2)
For more informaiton, see Section 12.
SW
SW
SW
SW
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
VDD
VSS
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
TMUX6211
(SELx = Logic 1)
TMUX6212
(SELx = Logic 1)
TMUX6213
(SELx = Logic 1)
TMUX621x Functional Block Diagrams
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX6213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6213 TI-TMUX6213 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6213PWR TI-TMUX6213PWR Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6213RUMR TI-TMUX6213RUMR Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
More results

Similar Description - TMUX6213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com