Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 29Page - Texas Instruments TMUX6213 Datasheet HTML 30Page - Texas Instruments TMUX6213 Datasheet HTML 31Page - Texas Instruments TMUX6213 Datasheet HTML 32Page - Texas Instruments TMUX6213 Datasheet HTML 33Page - Texas Instruments TMUX6213 Datasheet HTML 34Page - Texas Instruments TMUX6213 Datasheet HTML 35Page - Texas Instruments TMUX6213 Datasheet HTML 36Page - Texas Instruments TMUX6213 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2021) to Revision D (July 2024)
Page
• Updated HBM ESD details for PW and RUM packages.....................................................................................4
• Updated IIH max specification from 1.2uA to 2uA..............................................................................................6
Changes from Revision B (April 2021) to Revision C (July 2021)
Page
• Added the high current support for the TSSOP package................................................................................... 1
• Changed the status of the QFN package for TMUX621x from: preview to: active ............................................1
• Added ESD detail for RUM package.................................................................................................................. 4
• Changed THD+N typical for 12V supply...........................................................................................................11
• Added the Integrated Pull-Down Resistor on Logic Pins section..................................................................... 25
• Updated the Ultra-Low Charge Injection section.............................................................................................. 26
• Updated the TMUX621x Layout Example Figure............................................................................................. 31
Changes from Revision A (January 2021) to Revision B (April 2021)
Page
• Added thermal information for QFN package..................................................................................................... 5
• Updated IDC specs for TSSOP package in Source or Drain Continuous Current table .....................................5
• Added IDC specs for QFN package in Source or Drain Continuous Current table ............................................ 5
• Included Break-before-make time delay for TMUX6213.................................................................................... 7
• Updated VDD rise time value from 100ns to 1µs in TON(VDD) test condition........................................................7
• Updated CL value from 1nF to 100pF in Charge Injection test condition........................................................... 7
Changes from Revision * (October 2020) to Revision A (January 2021)
Page
• Changed status of data sheet from Advanced Information to Production Data .................................................1
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com