Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 24Page - Texas Instruments TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments TMUX6213 Datasheet HTML 27Page - Texas Instruments TMUX6213 Datasheet HTML 28Page - Texas Instruments TMUX6213 Datasheet HTML 29Page - Texas Instruments TMUX6213 Datasheet HTML 30Page - Texas Instruments TMUX6213 Datasheet HTML 31Page - Texas Instruments TMUX6213 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX621x is part of the precision switches and multiplexers family of devices. These devices operate with
dual supplies (±4.5 V to ±18V), a single supply (4.5 V to 36V), or asymmetric supplies (such as VDD = 12 V,
VSS = –5 V), and offer true rail-to-rail input and output. The TMUX621x offers low RON, low on and off leakage
currents and ultra-low charge injection performance. These features make the TMUX621x a family of precision,
robust, high-performance analog multiplexer for high-voltage, industrial applications.
9.2 Typical Application
One example to take advantage of TMUX621x precision performance is the implementation of parametric
measurement unit (PMU) in the semiconductor automatic test equipment (ATE) application.
In Automated Test Equipment (ATE) systems, the Parametric Measurement Unit (PMU) is tasked to measure
device (DUT) parametric information in terms of voltage and current. When measuring voltage, current is applied
at the DUT pin, and current range adjustment can be done through changing the value of the internal sense
resistor. There is sometimes a need, depending on the DUT, to use even higher testing current than natively
supported by the system. A 4 channel SPST switch, together with external higher current amplifier and resistor,
can be used to achieve the flexibility. The PMU operating voltage is typically in mid voltage (up to 20 V). An
appropriate switch like the TMUX621x with low leakage current (0.05 nA typical) works well in these applications
to ensure measurement accuracy and low RON and flat RON_FLATNESS allows the current range to be controlled
more precisely. Figure 9-1 shows simplified diagram of such implementations in memory and semiconductor test
equipment.
Figure 9-1. High Current Range Selection Using External Resistor
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com