Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 33Page - Texas Instruments TMUX6213 Datasheet HTML 34Page - Texas Instruments TMUX6213 Datasheet HTML 35Page - Texas Instruments TMUX6213 Datasheet HTML 36Page - Texas Instruments TMUX6213 Datasheet HTML 37Page - Texas Instruments TMUX6213 Datasheet HTML 38Page - Texas Instruments TMUX6213 Datasheet HTML 39Page - Texas Instruments TMUX6213 Datasheet HTML 40Page - Texas Instruments TMUX6213 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TMUX6211PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX6211RUMR
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX6212PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX6212RUMR
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX6212RUMRG4
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX6213PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX6213RUMR
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX6213RUMRG4
WQFN
RUM
16
3000
367.0
367.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com