Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 18Page - Texas Instruments TMUX6213 Datasheet HTML 19Page - Texas Instruments TMUX6213 Datasheet HTML 20Page - Texas Instruments TMUX6213 Datasheet HTML 21Page - Texas Instruments TMUX6213 Datasheet HTML 22Page - Texas Instruments TMUX6213 Datasheet HTML 23Page - Texas Instruments TMUX6213 Datasheet HTML 24Page - Texas Instruments TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
7.7 Charge Injection
The TMUX621x devices have a transmission-gate topology. Any mismatch in capacitance between the NMOS
and PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the
gate signal. The amount of charge injected into the source or drain of the device is known as charge injection,
and is denoted by the symbol QC. Figure 7-7 shows the setup used to measure charge injection from source
(Sx) to drain (Dx).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
GND
SELx
VSEL
VOUT
Output
VS
0 V
3 V
VSEL
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
S1
D1
S4
D4
Output
Output
CL
CL
Figure 7-7. Charge-Injection Measurement Setup
7.8 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to
the source pin (Sx) of an off-channel. The characteristic impedance, Z0, for the measurement is 50 Ω. Figure 7-8
shows the setup used to measure off isolation. Use off isolation equation to compute off isolation.
GND
S1
D1
VSIG
VOUT
50Ÿ
50Ÿ
Network Analyzer
1BB +OKH=PEKJ = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
50Ÿ
Sx/Dx
VS
Figure 7-8. Off Isolation Measurement Setup
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com