Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 5 Page - Texas Instruments

  TMUX6213 Datasheet HTML 1Page - Texas Instruments TMUX6213 Datasheet HTML 2Page - Texas Instruments TMUX6213 Datasheet HTML 3Page - Texas Instruments TMUX6213 Datasheet HTML 4Page - Texas Instruments TMUX6213 Datasheet HTML 5Page - Texas Instruments TMUX6213 Datasheet HTML 6Page - Texas Instruments TMUX6213 Datasheet HTML 7Page - Texas Instruments TMUX6213 Datasheet HTML 8Page - Texas Instruments TMUX6213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
6.3 Thermal Information
THERMAL METRIC(1)
TMUX621x
UNIT
PW (TSSOP)
RUM (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
94.5
41.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.5
25.1
°C/W
RθJB
Junction-to-board thermal resistance
41.1
16.5
°C/W
ΨJT
Junction-to-top characterization parameter
1.1
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
40.4
16.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
2.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1) Power supply voltage differential
4.5
36
V
VDD
Positive power supply voltage
4.5
36
V
VS or VD
Signal path input/output voltage (source or drain pin) (Sx, D)
VSS
VDD
V
VSEL or VEN
Address or enable pin voltage
0
36
V
IS or ID (CONT) Source or drain continuous current (Sx, D)
IDC (2)
mA
TA
Ambient temperature
–40
125
°C
(1)
VDD and VSS can be any value as long as 4.5 V ≤ (VDD – VSS) ≤ 36 V, and the minimum VDD is met.
(2)
Refer to Source or Drain Continuous Current table for IDC specifications.
6.5 Source or Drain Continuous Current
at supply voltage of VDD ± 10%, VSS ± 10 % (unless otherwise noted)
CONTINUOUS CURRENT PER CHANNEL (IDC) (2)
TA = 25°C
TA = 85°C
TA = 125°C
UNIT
PACKAGE
TEST CONDITIONS
PW (TSSOP)
+36 V Dual Supply(1)
220
160
100
mA
±15 V Dual Supply
220
160
100
mA
+12 V Single Supply
190
130
90
mA
±5 V Dual Supply
170
120
80
mA
+5 V Single Supply
130
90
60
mA
RUM (WQFN)
+36 V Single Supply(1)
330
220
120
mA
±15 V Dual Supply
330
220
120
mA
+12 V Single Supply
260
180
110
mA
±5 V Dual Supply
240
160
100
mA
+5 V Single Supply
180
120
80
mA
(1)
Specified for nominal supply voltage only.
(2)
Refer to Total power dissipation (Ptot) limits in Absolute Maximum Ratings table that must be followed with max continuous current
specification.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com