Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 20Page - Texas Instruments TMUX6213 Datasheet HTML 21Page - Texas Instruments TMUX6213 Datasheet HTML 22Page - Texas Instruments TMUX6213 Datasheet HTML 23Page - Texas Instruments TMUX6213 Datasheet HTML 24Page - Texas Instruments TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments TMUX6213 Datasheet HTML 27Page - Texas Instruments TMUX6213 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
7.11 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined as
the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency at the
mux output. The on-resistance of the device varies with the amplitude of the input signal and results in distortion
when the drain pin is connected to a low-impedance load. Total harmonic distortion plus noise is denoted as
THD + N.
GND
SX
Dx
Audio Precision
VOUT
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
40 Ÿ
Figure 7-11. THD + N Measurement Setup
7.12 Power Supply Rejection Ratio (PSRR)
PSRR measures the ability of a device to prevent noise and spurious signals that appear on the supply voltage
pin from coupling to the output of the switch. The DC voltage on the device supply is modulated by a sine wave
of 100 mVPP. The ratio of the amplitude of signal on the output to the amplitude of the modulated signal is the
AC PSRR.
620 mVPP
RL
Network Analyzer
VOUT
VDD
DC Bias
Injector
VIN
CL
VBIAS
GND
S1
D1
VDD
VSS
VSS
0.1 µF
2544 = 20 × .KC
8176
8+0
0.1 µF
With & Without
Capacitor
Other Sx/
Dx pins
50 Ÿ
50 Ÿ
50 Ÿ
Figure 7-12. AC PSRR Measurement Setup
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com