Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 23Page - Texas Instruments TMUX6213 Datasheet HTML 24Page - Texas Instruments TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments TMUX6213 Datasheet HTML 27Page - Texas Instruments TMUX6213 Datasheet HTML 28Page - Texas Instruments TMUX6213 Datasheet HTML 29Page - Texas Instruments TMUX6213 Datasheet HTML 30Page - Texas Instruments TMUX6213 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
8.4 Device Functional Modes
The TMUX621x devices have four independently selectable single-pole, single-throw switches that are turned-on
or turned-off based on the state of the corresponding select pin. The control pins can be as high as 36V.
The TMUX621x devices can be operated without any external components except for the supply decoupling
capacitors. The SELx pins have internal pull-down resistors of 4MΩ. If unused, SELx pin must be tied to GND in
order to ensure the device does not consume additional current as highlighted in Implications of Slow or Floating
CMOS Inputs. Unused signal path inputs (Sx or Dx) should be connected to GND.
8.5 Truth Tables
Table 8-1, Table 8-2, and Table 8-3 show the truth tables for the TMUX6211, TMUX6212, and TMUX6213,
respectively.
Table 8-1. TMUX6211 Truth Table
SEL x (1)
CHANNEL x
0
Channel x ON
1
Channel x OFF
Table 8-2. TMUX6212 Truth Table
SEL x (1)
CHANNEL x
0
Channel x OFF
1
Channel x ON
Table 8-3. TMUX6213 Truth Table
SEL1
SEL2
SEL3
SEL4
ON / OFF CHANNELS(2)
0
X
X
X
CHANNEL 1 OFF
1
X
X
X
CHANNEL 1 ON
X
0
X
X
CHANNEL 2 ON
X
1
X
X
CHANNEL 2 OFF
X
X
0
X
CHANNEL 3 ON
X
X
1
X
CHANNEL 3 OFF
X
X
X
0
CHANNEL 4 OFF
X
X
X
1
CHANNEL 4 ON
(1)
x denotes 1, 2, 3, or 4 for the corresponding channel.
(2)
X = do not care.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com