Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments TMUX6213 Datasheet HTML 27Page - Texas Instruments TMUX6213 Datasheet HTML 28Page - Texas Instruments TMUX6213 Datasheet HTML 29Page - Texas Instruments TMUX6213 Datasheet HTML 30Page - Texas Instruments TMUX6213 Datasheet HTML 31Page - Texas Instruments TMUX6213 Datasheet HTML 32Page - Texas Instruments TMUX6213 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
20 V
Supply (VSS)
- 10 V
Input / Output signal range
-10 V to 20 V (Rail-to-Rail)
Control logic thresholds
1.8 V compatible
9.2.2 Detailed Design Procedure
The application shown in Figure 10-1 demonstrates how the TMUX621x can be used in semiconductor
test equipment for high-precision, high-voltage, multi-channel measurement applications. The TMUX621x can
support 1.8-V logic signals on the control input, allowing the device to interface with low logic controls of
an FPGA or MCU. The TMUX621x can be operated without any external components except for the supply
decoupling capacitors. The select pins have an internal pull-down resistor to prevent floating input logic. All
inputs to the switch must fall within the recommend operating conditions of the TMUX621x including signal range
and continuous current. For this design with a positive supply of 20 V on VDD, and negative supply of -10 V on
VSS, the signal range can be 20 V to -10 V. The max continuous current (IDC) can be up to 330 mA as shown in
the Recommended Operating Conditions table for wide-range current measurement.
9.2.3 Application Curve
The TMUX621x devices have excellent charge injection performance and low leakage current, making them
ideal choices to minimize sampling error for the sample and hold application.
Source Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-50
-30
-10
10
30
50
70
90
110
130
150
170
D016
VDD = 15 V, V SS = –15 V
VDD = 5 V, V SS = –5 V
TA = 25°C
Figure 9-2. Charge Injection vs Source Voltage
Temperature (
°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-15
-12
-9
-6
-3
0
3
6
9
12
15
ID(OFF) VS/VD = –10V/10V
ID(OFF) VS/VD = 10V/–10V
I(ON) Vs/Vd = –10V/–10V
I(ON) Vs/Vd = 10V/10V
IS(OFF) Vs/Vd = –10V/10V
IS(OFF) Vs/Vd = 10V/–10V
VDD = 15 V, VDD = -15 V
Figure 9-3. On-Leakage vs Source or Drain Voltage
9.3 Power Supply Recommendations
The TMUX621x devices operates across a wide supply range of of ±4.5 V to ±18V (4.5 V to 36V in single-supply
mode). The devices also perform well with asymmetrical supplies such as VDD = 12 V and VSS = –5 V.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the supply
rails to other components. Good power-supply decoupling is important to achieve optimum performance. For
improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF at both the VDD
and VSS pins to ground. Place the bypass capacitors as close to the power supply pins of the device as possible
using low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that
offer low equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling
purposes. For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias
for connecting the capacitors to the device pins may offer superior noise immunity. The use of multiple vias
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com