Electronic Components Datasheet Search
  English  ▼

X  

TMUX6213 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX6213
Description  TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6213 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX6213 Datasheet HTML 21Page - Texas Instruments TMUX6213 Datasheet HTML 22Page - Texas Instruments TMUX6213 Datasheet HTML 23Page - Texas Instruments TMUX6213 Datasheet HTML 24Page - Texas Instruments TMUX6213 Datasheet HTML 25Page - Texas Instruments TMUX6213 Datasheet HTML 26Page - Texas Instruments TMUX6213 Datasheet HTML 27Page - Texas Instruments TMUX6213 Datasheet HTML 28Page - Texas Instruments TMUX6213 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
8 Detailed Description
8.1 Overview
The TMUX6211, TMUX6212, and TMUX6213 are 1:1 (SPST), 4-Channel switches. The devices have four
independently selectable single-pole, single-throw switches that are turned-on or turned-off based on the state of
the corresponding select pin.
8.2 Functional Block Diagram
SW
SW
SW
SW
S1
S2
S3
S4
SEL1
SEL2
SEL3
SEL4
D1
D2
D3
D4
VDD
VSS
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
S1
S2
S3
S4
D1
D2
D3
D4
VDD
VSS
SW
SW
SW
SW
SEL1
SEL2
SEL3
SEL4
SEL1
SEL2
SEL3
SEL4
TMUX6211
(SELx = Logic 1)
TMUX6212
(SELx = Logic 1)
TMUX6213
(SELx = Logic 1)
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX621x conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx). Each
channel has similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail-to-Rail Operation
The valid signal path input and output voltage for TMUX621x ranges from VSS to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX621x devices have 1.8-V logic compatible control for all logic control inputs. 1.8-V logic level inputs
allows the TMUX621x to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.4 Integrated Pull-Down Resistor on Logic Pins
The TMUX621x has internal weak pull-down resistors to GND to so the logic pins are not left floating. The value
of this pull-down resistor is approximately 4MΩ, but is clamped to about 1µA at higher voltages. This feature
integrates up to four external components and reduces system size and cost.
8.3.5 Fail-Safe Logic
The TMUX621x supports Fail-Safe Logic on the control input pins (SEL1, SEL2, SEL3, and SEL4) allowing for
operation up to 36V, regardless of the state of the supply pin. This feature allows voltages on the control pins
to be applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes
system complexity by removing the need for power supply sequencing on the logic control pins. For example,
the Fail-Safe Logic feature allows the select pins of the TMUX621x to be ramped to 36V while VDD and VSS = 0
V. The logic control inputs are protected against positive faults of up to 36V in powered-off condition, but do not
offer protection against negative overvoltage conditions.
www.ti.com
TMUX6211, TMUX6212, TMUX6213
SCDS431D – OCTOBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX6211 TMUX6212 TMUX6213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com