Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 12Page - Texas Instruments TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments TPA2016D2 Datasheet HTML 18Page - Texas Instruments TPA2016D2 Datasheet HTML 19Page - Texas Instruments TPA2016D2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Input signal initial amplitude - |Current input signal amplitude|
Output signal amplitude =
Compression ratio
V
-dBV
IN
LargeFixedGain
Small
Fixed
Gain
V
-dBV
IN
Increasing
Limiter
Level
Decreasing
Limiter
Level
LimiterLevel= 500mW
LimiterLevel= 630mW
= 400
LimiterLevel
mW
16
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
•
Below the minimum supply voltage in order to avoid clipping
Figure 30 shows how the limiter level influences the input signal amplitude versus the output signal amplitude
state diagram.
Figure 30. Output Signal vs Input Signal State Diagram Showing Different Limiter Level Configurations
The limiter level and the fixed gain influence each other. If the fixed gain is set high, the AGC has a large limiter
range. The fixed gain is set low, the AGC has a short limiter range. Figure 31 illustrates the two examples:
Figure 31. Output Signal vs Input Signal State Diagram Showing Same Limiter Level Configurations With
Different Fixed Gain Configurations
9.3.4.3 Compression Ratio
The compression ratio sets the relation between input and output signal outside the limiter level region. The
compression ratio compresses the dynamic range of the audio. For example if the audio source has a dynamic
range of 60 dB and compression ratio of 2:1 is selected, then the output has a dynamic range of 30 dB. Most
small form factor speakers have small dynamic range. Compression ratio allows audio with large dynamic range
to fit into a speaker with small dynamic range.
The compression ratio also increases the loudness of the audio without increasing the peak voltage. The higher
the compression ratio, the louder the perceived audio.
For example:
•
A compression ratio of 4:1 is selected (meaning that a 4-dB change in the input signal results in a 1-dB signal
change at the output)
•
A fixed gain of 0 dB is selected and the maximum audio level is at 0 dBV.
When the input signal decreases to –32 dBV, the amplifier increases the gain to 24 dB in order to achieve an
output of –8 dBV. The output signal amplitude equation is:
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com