Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 27Page - Texas Instruments TPA2016D2 Datasheet HTML 28Page - Texas Instruments TPA2016D2 Datasheet HTML 29Page - Texas Instruments TPA2016D2 Datasheet HTML 30Page - Texas Instruments TPA2016D2 Datasheet HTML 31Page - Texas Instruments TPA2016D2 Datasheet HTML 32Page - Texas Instruments TPA2016D2 Datasheet HTML 33Page - Texas Instruments TPA2016D2 Datasheet HTML 34Page - Texas Instruments TPA2016D2 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
AVDD
PVDDL
PVDDR
INL-
INL+
INR-
INR+
SCL
SDA
SDZ
AGND
PGND
OUTL+
OUTL-
OUTR+
OUTR-
Analog
Baseband or
CODEC
Digital
Baseband
I
2C Clock
I
2C Data
Master Shutdown
TPA2016D2
To power supply
10uF
CI
Copyright © 2016, Texas Instruments Incorporated
I
I
C
1
C =
(2
R
f )
p ´
´
C
I
I
1
f =
(2
R
C )
p ´
´
31
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(5)
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application. Not using input capacitors can increase
output offset. Equation 6 is used to solve for the input coupling capacitance. If the corner frequency is within the
audio band, the capacitors must have a tolerance of ±10% or better, because any mismatch in capacitance
causes an impedance mismatch at the corner frequency and below.
(6)
10.2.1.3 Application Curves
For application curves, see the figures listed in Table 14.
Table 14. Table of Graphs
DESCRIPTION
FIGURE NUMBER
Output Level vs Input Level
Figure 5
THD+N vs Frequency
Figure 10
THD+N vs Output Power
Figure 13
Output Power vs Supply Voltage
Figure 21
10.2.2 TPA2016D2 With Single-Ended Input Signal
Figure 44. Typical Application Schematic With Single-Ended Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com