Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 4 Page - Texas Instruments

  TPA2016D2 Datasheet HTML 1Page - Texas Instruments TPA2016D2 Datasheet HTML 2Page - Texas Instruments TPA2016D2 Datasheet HTML 3Page - Texas Instruments TPA2016D2 Datasheet HTML 4Page - Texas Instruments TPA2016D2 Datasheet HTML 5Page - Texas Instruments TPA2016D2 Datasheet HTML 6Page - Texas Instruments TPA2016D2 Datasheet HTML 7Page - Texas Instruments TPA2016D2 Datasheet HTML 8Page - Texas Instruments TPA2016D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Thermal
Pad
1
INL+
15
INR+
2
INL–
14
INR–
3
AGND
13
AVDD
4
PVDDL
12
PVDDR
5
PVDDL
11
PVDDR
1
2
3
4
A
B
C
D
INR–
INR+
INL+
INL–
AVDD
SCL
SDA
AGND
PVDDR
SDZ
PGND
PVDDL
OUTR+ OUTR– OUTL–
OUTL+
4
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE NUMBER
SPEAKER AMP TYPE
SPECIAL FEATURE
OUTPUT POWER (W)
PSRR (dB)
TPA2012D2
Class D
—
2.1
71
TPA2016D2
Class D
AGC/DRC
2.8
80
TPA2026D2
Class D
AGC/DRC
3.2
80
6 Pin Configuration and Functions
YZH Package
16-Pin DSBGA
Top View
RTJ Package
20-Pin QFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DSBGA
QFN
INR+
A2
15
I
Right channel positive audio input
INR–
A1
14
I
Right channel negative audio input
INL+
A3
1
I
Left channel positive audio input
INL–
A4
2
I
Left channel negative audio input
SDZ
C2
18
I
Shutdown terminal (active low)
SDA
B3
19
I/O
I2C data interface
SCL
B2
17
I
I2C clock interface
OUTR+
D1
10
O
Right channel positive differential output
OUTR–
D2
9
O
Right channel negative differential output
OUTL+
D4
6
O
Left channel positive differential output
OUTL–
D3
7
O
Left channel negative differential output
AVDD
B1
13
P
Analog supply (must be the same as PVDDR and PVDDL)
AGND
B4
3
P
Analog ground (all GND pins need to be connected)
PVDDR
C1
11, 12
P
Right channel power supply (must be the same as AVDD and PVDDL)
PGND
C3
8
P
Power ground (all GND pins need to be connected)
PVDDL
C4
4, 5
P
Left channel power supply (must be the same as AVDD and PVDDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com