Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments TPA2016D2 Datasheet HTML 18Page - Texas Instruments TPA2016D2 Datasheet HTML 19Page - Texas Instruments TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments TPA2016D2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
time
time
NoiseGateThreshold
No
Audio
Gaindoesnotchange
inthisregion
V
- dBV
IN
Large Limiter
Range
Small
Compression
Region
Large
Compression
Region
Small Limiter
Range
Rotation
Point @
lower gain
Rotation
Point @
higher gain
18
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
1. Small limiter range yielding a large compression region (small fixed gain).
2. Large limiter range yielding a small compression region (large fixed gain).
Figure 33. Output Signal vs Input Signal State Diagram Showing the Effects of the Limiter Range to the
Compression Region
9.3.4.5 Noise Gate Threshold
The noise gate threshold prevents the AGC from changing the gain when there is no audio at the input of the
amplifier. The noise gate threshold stops gain changes until the input signal is above the noise gate threshold.
Select the noise gate threshold to be above the noise but below the minimum audio at the input of the amplifier
signal. A filter is needed between delta-sigma CODEC/DAC and TPA2016D2 for effectiveness of the noise gate
function. The filter eliminates the out-of-band noise from delta-sigma modulation and keeps the CODEC/DAC
output noise lower than the noise gate threshold.
Figure 34. Time Diagram Showing the Relationship Between Input Signal Amplitude, Noise Gate
Threshold and Gain Versus Time
9.3.4.6 Maximum Gain
This variable limits the number of gain steps in the AGC. This feature is useful in order to accomplish a more
advanced output signal vs input signal transfer characteristic.
For example, to prevent the gain from going above a certain value, reduce the maximum gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com