Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 20Page - Texas Instruments TPA2016D2 Datasheet HTML 21Page - Texas Instruments TPA2016D2 Datasheet HTML 22Page - Texas Instruments TPA2016D2 Datasheet HTML 23Page - Texas Instruments TPA2016D2 Datasheet HTML 24Page - Texas Instruments TPA2016D2 Datasheet HTML 25Page - Texas Instruments TPA2016D2 Datasheet HTML 26Page - Texas Instruments TPA2016D2 Datasheet HTML 27Page - Texas Instruments TPA2016D2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
9.6 Register Maps
Table 3. TPA2016D2 Register Map
REGISTER
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
1
SPK_EN_R
SPL_EN_L
SWS
FAULT_R
FAULT_L
Thermal
1
NG_EN
2
0
0
ATK_time [5]
ATK_time [4]
ATK_time [3]
ATK_time [2]
ATK_time [1]
ATK_time [0]
3
0
0
REL_time [5]
REL_time [4]
REL_time [3]
REL_time [2]
REL_time [1]
REL_time [0]
4
0
0
Hold_time [5]
Hold_time [4]
Hold_tme [3]
Hold_time [2]
Hold_time [1]
Hold_time [0]
5
0
0
FixedGain [5]
FixedGain [4]
FixedGain [3]
FixedGain [2]
FixedGain [1]
FixedGain [0]
6
Output Limiter
Disable
NoiseGate
Threshold [1]
NoiseGate
Threshold [2]
Output Limiter
Level [4]
Output Limiter
Level [3]
Output Limiter
Level [2]
Output Limiter
Level [1]
Output Limiter
Level [0]
7
Max Gain [3]
Max Gain [2]
Max Gain [1]
Max Gain [0]
0
0
Compression
Ratio [1]
Compression Ratio
[0]
The default register map values are given in Table 4.
Table 4. TPA2016D2 Default Register Values Table
REGISTER
0x01
0x02
0x03
0x04
0x05
0x06
0x07
Default
C3h
05h
0Bh
00h
06h
3Ah
C2h
Any register above address 0x08 is reserved for testing and must not be written to because it may change the
function of the device. If read, these bits may assume any value.
Some of the default values can be reprogrammed through the I2C interface and written to the EEPROM. This
function is useful to speed up the turnon time of the device and minimizes the number of I2C writes. If this is
required, contact your local TI representative.
The TPA2016D2 I2C address is 0xB0 (binary 10110000) for writing and 0xB1 (binary 10110001) for reading. If a
different I2C address is required, please contact your local TI representative. See General I2C Operation for more
details.
The following tables show the details of the registers, the default values, and the values that can be programmed
through the I2C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com