Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 10Page - Texas Instruments TPA2016D2 Datasheet HTML 11Page - Texas Instruments TPA2016D2 Datasheet HTML 12Page - Texas Instruments TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments TPA2016D2 Datasheet HTML 16Page - Texas Instruments TPA2016D2 Datasheet HTML 17Page - Texas Instruments TPA2016D2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
ReleaseTime
E
Limiterthreshold
GAIN
A
C
B
D
AttackTime
Limiterthreshold
Limiterthreshold
HoldTime
Limiterthreshold
14
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
The AGC works by detecting the audio input envelope. The gain changes depending on the amplitude, the limiter
level, the compression ratio, and the attack and release time. The gain changes constantly as the audio signal
increases and/or decreases to create the compression effect. The gain step size for the AGC is 0.5 dB. If the
audio signal has near-constant amplitude, the gain does not change. Figure 27 shows how the AGC works.
A.
Gain decreases with no delay; attack time is reset. Release time and hold time are reset.
B.
Signal amplitude above limiter level, but gain cannot change because attack time is not over.
C.
Attack time ends; gain is allowed to decrease from this point forward by one step. Gain decreases because the
amplitude remains above limiter threshold. All times are reset
D.
Gain increases after release time finishes and signal amplitude remains below desired level. All times are reset after
the gain increase.
E.
Gain increases after release time is finished again because signal amplitude remains below desired level. All times
are reset after the gain increase.
Figure 27. Input and Output Audio Signal vs Time
Because the number of gain steps is limited the compression region is limited as well. Figure 28 shows how the
gain changes versus the input signal amplitude in the compression region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com