Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 7Page - Texas Instruments TPA2016D2 Datasheet HTML 8Page - Texas Instruments TPA2016D2 Datasheet HTML 9Page - Texas Instruments TPA2016D2 Datasheet HTML 10Page - Texas Instruments TPA2016D2 Datasheet HTML 11Page - Texas Instruments TPA2016D2 Datasheet HTML 12Page - Texas Instruments TPA2016D2 Datasheet HTML 13Page - Texas Instruments TPA2016D2 Datasheet HTML 14Page - Texas Instruments TPA2016D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
TPA2016D2
IN+
IN–
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
–
–
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
–
1 F
m
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
400m
200m
600m
800m
1m
1.2m
1.6m
1.4m
1.8m
2m
t-Time-s
Output
SWS
Disable
1
0.5
0.75
0.25
0
-0.25
-0.5
-0.75
-1
0
2m
1m
3m
4m
5m
6m
8m
7m
9m
10m
t-Time-s
Output
SWSEnable
VCC − SupplyVoltage − V
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
THD=1%
THD=10%
f
=1kHz
IN
Gain=6dB
R =8
+33 H
WCSP
L
W
m
VCC − SupplyVoltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
fIN =1kHz
Gain=6dB
QFN
THD=1%,8 Ω
THD=10%,8 W
THD=10%,4 W
THD=1%,4 W
11
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
with C(DECOUPLE) = 1 μF, CI = 1 µF.
Figure 21. Output Power vs Supply Voltage
Figure 22. Output Power vs Supply Voltage
Figure 23. Shutdown Time
Figure 24. Start-Up Time
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications. Figure 25 shows the setup
used for the typical characteristics of the test device.
(1)
All measurements were taken with a 1-
μF CI (unless otherwise noted.)
(2)
A 33-
μH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
Ω
4.7 nF) is used on each output for the data sheet graphs.
(4)
All THD + N graphs are taken with outputs out of phase (unless otherwise noted). All data is taken on left channel.
(5)
All data is taken on the DSBGA package unless otherwise noted.
Figure 25. Test Setup for Graphs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com