Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 25Page - Texas Instruments TPA2016D2 Datasheet HTML 26Page - Texas Instruments TPA2016D2 Datasheet HTML 27Page - Texas Instruments TPA2016D2 Datasheet HTML 28Page - Texas Instruments TPA2016D2 Datasheet HTML 29Page - Texas Instruments TPA2016D2 Datasheet HTML 30Page - Texas Instruments TPA2016D2 Datasheet HTML 31Page - Texas Instruments TPA2016D2 Datasheet HTML 32Page - Texas Instruments TPA2016D2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
AVDD
PVDDL
PVDDR
INL-
INL+
INR-
INR+
SCL
SDA
SDZ
AGND
PGND
OUTL+
OUTL-
OUTR+
OUTR-
Analog
Baseband or
CODEC
Digital
Baseband
I
2C Clock
I
2C Data
Master Shutdown
TPA2016D2
To power supply
10uF
CI
Copyright © 2016, Texas Instruments Incorporated
29
TPA2016D2
www.ti.com
SLOS524E – JUNE 2008 – REVISED MAY 2016
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
These typical connection diagrams highlight the required external components and system level connections for
proper operation of the device. Each of these configurations can be realized using the Evaluation Modules
(EVMs) for the device. These flexible modules allow full evaluation of the device in the most common modes of
operation. Any design variation can be supported by TI through schematic and layout reviews. Visit e2e.ti.com for
design assistance and join the audio amplifier discussion forum for additional information.
10.2 Typical Applications
10.2.1 TPA2016D2 With Differential Input Signal
Figure 43. Typical Application Schematic With Differential Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com