Electronic Components Datasheet Search
  English  ▼

X  

TPA2016D2 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPA2016D2
Description  TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPA2016D2 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPA2016D2 Datasheet HTML 26Page - Texas Instruments TPA2016D2 Datasheet HTML 27Page - Texas Instruments TPA2016D2 Datasheet HTML 28Page - Texas Instruments TPA2016D2 Datasheet HTML 29Page - Texas Instruments TPA2016D2 Datasheet HTML 30Page - Texas Instruments TPA2016D2 Datasheet HTML 31Page - Texas Instruments TPA2016D2 Datasheet HTML 32Page - Texas Instruments TPA2016D2 Datasheet HTML 33Page - Texas Instruments TPA2016D2 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
TPA2016D2
SLOS524E – JUNE 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA2016D2
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Applications (continued)
10.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 12.
Table 12. Design Parameters
PARAMETER
EXAMPLE VALUE
Power supply
5 V
Enable inputs
High > 1.3 V
Low < 0.6 V
Speaker
8
Ω
10.2.1.2 Detailed Design Procedure
10.2.1.2.1
Surface Mount Capacitors
Temperature and applied DC voltage influence the actual capacitance of high-K materials. Table 13 shows the
relationship between the different types of high-K materials and their associated tolerances, temperature
coefficients, and temperature ranges. Notice that a capacitor made with X5R material can lose up to 15% of its
capacitance within its working temperature range.
In an application, the working capacitance of components made with high-K materials is generally much lower
than nominal capacitance. A worst-case result with a typical X5R material might be –10% tolerance, –15%
temperature effect, and –45% DC voltage effect at 50% of the rated voltage. This particular case would result in
a working capacitance of 42% (0.9 × 0.85 × 0.55) of the nominal value.
Select high-K ceramic capacitors according to the following rules:
1. Use capacitors made of materials with temperature coefficients of X5R, X7R, or better.
2. Use capacitors with DC voltage ratings of at least twice the application voltage. Use minimum 10-V
capacitors for the TPA2016D2.
3. Choose a capacitance value at least twice the nominal value calculated for the application. Multiply the
nominal value by a factor of 2 for safety. If a 10-
μF capacitor is required, use 20 µF.
The preceding rules and recommendations apply to capacitors used in connection with the TPA2016D2. The
TPA2016D2 cannot meet its performance specifications if the rules and recommendations are not followed.
Table 13. Typical Tolerance and Temperature Coefficient of Capacitance by Material
MATERIAL
COG/NPO
X7R
X5R
Typical tolerance
±5%
±10%
80 / –20%
Temperature
±30 ppm
±15%
22 / –82%
Temperature range, °C
–55 to 125°C
–55 to 125°C
–30 to 85°C
10.2.1.2.2
Decoupling Capacitor, CS
The TPA2016D2 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) 1-
μF ceramic capacitor
(typically) placed as close as possible to the device PVDD (L, R) lead works best. Placing this decoupling
capacitor close to the TPA2016D2 is important for the efficiency of the Class-D amplifier, because any resistance
or inductance in the trace between the device and the capacitor can cause a loss in efficiency. For filtering lower-
frequency noise signals, a 4.7-
μF or greater capacitor placed near the audio power amplifier would also help, but
it is not required in most applications because of the high PSRR of this device.
10.2.1.2.3
Input Capacitors, CI
The input capacitors and input resistors form a high-pass filter with the corner frequency, fC, determined in
Equation 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com