Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
6.3 Feature Description
6.3.1 Input Voltage Range (VIN )
The LM25139 operational input voltage range is from 4V to 42V. The device is intended for step-down
conversions from 12V and 24V automotive supply rails. The application circuit in Figure 6-1 shows all the
necessary components to implement an LM25139 based wide-VIN step-down regulator using a single supply.
The LM25139 uses an internal LDO subregulator to provide a 5V VCC bias rail for the gate drive and control
circuits (assuming the input voltage is higher than 5V plus the necessary subregulator dropout specification).
In high input voltage applications, make sure the VIN and SW pins do not exceed the absolute maximum voltage
rating of 45V during line or load transient events. Voltage excursions that exceed the Absolute Maximum Ratings
can damage the IC. Proceed carefully during PCB board layout and use high-quality input bypass capacitors to
minimize voltage overshoot and ringing.
FPWM/SYNC
AGND
PGND
VOUT
ISNS
LO
SW
HO
CBOOT
VIN
COMP
VCC
PG
EN
RT
LM25139
FB
RT
RCOMP
CCOMP
CHF
CVCC
CBOOT
CIN
COUT
RS
LO
VIN = 4V...36V
VOUT = 3.3V
IOUT = 15A
SYNC
op onal
Q2
Q1
VCC
4
47 F
4.7nF
2
10 F
6.04k
100pF
1.5 H
53.6k
4.7 F
3m
0.1 F
Figure 6-1. Typical Application Schematic
As VIN approaches VOUT, the LM25139 skips tOFF cycles to allow the controller to extend the duty cycle up to
approximately 99%. See also Figure 6-2.
Use Equation 1 to calculate when the LM25139 enters dropout mode.
• tSW is the oscillator time period
• tOFF is the minimum off time, typical 80ns
VINmin =  VOUT×tSW
tSW+ tOFFmin
(1)
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com