Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
Figure 7-1 conceptually illustrates the relevant current waveforms during both load step-up and step-down
transitions. As shown, the large-signal slew rate of the inductor current is limited as the inductor current ramps
to match the new load-current level following a load transient. This slew-rate limiting exacerbates the deficit of
charge in the output capacitor, which must be replenished as fast as possible during and after the load step-up
transient. Similarly, during and after a load step-down transient, the slew rate limiting of the inductor current adds
to the surplus of charge in the output capacitor that must be depleted as quickly as possible.
load current,
iOUT(t)
IOUT1
IOUT2
'IOUT
tramp
IOUT2
IOUT1
'IOUT
inductor current, iL(t)
inductor current, iL(t)
load current, iOUT(t)
'QC
'QC
OUT
OUT
ramp
di
I
dt
t
'
IN
OUT
L
F
V
V
di
dt
L
OUT
L
F
V
di
dt
L
Figure 7-1. Load Transient Response Representation Showing COUT Charge Surplus or Deficit
In a typical regulator application of 12V input to low output voltage (for example, 3.3V), the load-off transient
represents the worst case in terms of output voltage transient deviation. In that conversion ratio application, the
steady-state duty cycle is approximately 28% and the large-signal inductor current slew rate when the duty cycle
collapses to zero is approximately –VOUT / L. Compared to a load-on transient, the inductor current takes much
longer to transition to the required level. The surplus of charge in the output capacitor causes the output voltage
to significantly overshoot. In fact, to deplete this excess charge from the output capacitor as quickly as possible,
the inductor current must ramp below the nominal level following the load step. In this scenario, a large output
capacitance can be advantageously employed to absorb the excess charge and minimize the voltage overshoot.
To meet the dynamic specification of output voltage overshoot during such a load-off transient (denoted as
ΔVOVERSHOOT with step reduction in output current given by ΔIOUT), the output capacitance must be larger than:
COUT≥ LO×∆IOUT2
VOUT+∆VOVERSHOOT2−VOUT2
(15)
The ESR of a capacitor is provided in the manufacturer data sheet either explicitly as a specification or implicitly
in the impedance versus frequency curve. Depending on type, size, and construction, electrolytic capacitors
have significant ESR, 5mΩ and above, and relatively large ESL, 5nH to 20nH. PCB traces contribute some
parasitic resistance and inductance as well. Ceramic output capacitors have low ESR and ESL contributions at
the switching frequency, and the capacitive impedance component dominates. However, depending on package
and voltage rating of the ceramic capacitor, the effective capacitance can drop quite significantly with applied DC
voltage and operating temperature.
Ignoring the ESR term in Equation 14 gives a quick estimation of the minimum ceramic capacitance necessary
to meet the output ripple specification. Two to four 47µF, 10V, X7R capacitors in 1206 or 1210 footprint is a
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com