Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Spread spectrum ON
(c) Low-frequency triangular + high-
frequency
randomized modulations
(a) Low-frequency
triangular modulation
(b) High-frequency
randomized modulation
Spread spectrum OFF
Frequency
Low RBW
High RBW
fs(t)
2¨Is
t
Figure 6-4. Dual Random Spread Spectrum Implementation
6.3.7 Soft Start
The LM25139 has an internal 3ms soft-start timer (typical). The soft-start feature allows the regulator to gradually
reach the steady-state operating point, thus reducing start-up stresses and surges.
6.3.8 Output Voltage Setpoint (FB)
The LM25139 output can be independently configured for one of two fixed output voltages without external
feedback resistors, or adjusted to the desired voltage using an external resistor divider. Set the output to 3.3V by
connecting FB directly to VCC. Alternatively, set the output to 5V by installing a 24.9kΩ resistor between FB and
VCC. See Table 6-1.
Table 6-1. Feedback Configuration Resistors
PULLUP RESISTOR TO VCC
VOUT SETPOINT
0Ω
3.3V
24.9kΩ
5V
Not installed
External FB divider setting
Alternatively, set the output voltage with an external resistive divider from the output to AGND. The output
voltage adjustment range is between 0.8V and 36V. The regulation voltage at FB is 0.8V (VREF). Use Equation 5
to calculate the upper and lower feedback resistors, designated as RFB1 and RFB2, respectively.
RFB1= VOUT−1
VREF ×RFB2
(5)
The recommended starting value for RFB2 is between 10kΩ and 20kΩ.
If low-IQ operation is required, take care when selecting the external feedback resistors. The current
consumption of the external divider adds to the LM25139 sleep current (9.5µA typical). The divider current
reflected to VIN is scaled by the ratio of VOUT/VIN.
The FB settings are latched and cannot be changed until either the LM25139 is powered down (with the VIN
voltage decreasing below 3V) and then powered up again. FB setting can also be reconfigured if EN pin going
through a disable cycle with EN pin voltage going below 0.5V and then subsequentially rising above 0.5V.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com