Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 50 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
8.1.1.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM25139 device with the WEBENCH Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer gives a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2 Documentation Support
8.2.1 Related Documentation
For related documentation, see the following:
• User's guides:
– Texas Instruments, LM5137F-Q1 12V, 20A Single-Output Evaluation Module
– Texas Instruments, LM25137-Q1 Evaluation Module
– Texas Instruments, LM5143-Q1 EVM User's Guide
– Texas Instruments, LM5141-Q1 EVM User's Guide
– Texas Instruments, LM5146-Q1 EVM User's Guide
– Texas Instruments, LM5145EVM-HD-20A High Density Evaluation Module
– Texas Instruments, LM5149-Q1 Buck Converter Evaluation Module User's Guide
– Texas Instruments, LM5190-Q1 CC-CV Buck Controller Evaluation Module
• Application notes:
– Texas Instruments, LM5143-Q1 4-phase Buck Regulator Design for Automotive ADAS Applications
– Texas Instruments, Maintaining Output Voltage Regulation During Automotive Cold-Crank with LM5140-
Q1 Dual Synchronous Buck Controller
8.2.1.1 Low-EMI Design Resources
• Texas Instruments, Low EMI landing page
• Texas Instruments, Tackling the EMI challenge company blog
• Texas Instruments, An Engineer's Guide to Low EMI in DC/DC Regulators e-book
• Texas Instruments, Designing a low-EMI power supply video series
• White papers:
– Texas Instruments, An Overview of Conducted EMI Specifications for Power Supplies
– Texas Instruments, An Overview of Radiated EMI Specifications for Power Supplies
– Texas Instruments, Time-Saving and Cost-Effective Innovations for EMI Reduction in Power Supplies
– Texas Instruments, Valuing Wide VIN, Low EMI Synchronous Buck Circuits for Cost-driven, Demanding
Applications
• Texas Instruments, Improve High-Current DC/DC Regulator EMI for Free With Optimized Power Stage
Layout application brief
• Texas Instruments, Reduce Buck Converter EMI and Voltage Stress by Minimizing Inductive Parasitics
analog design journal
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
50
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com