Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
CF= 1LIN× 10Attn40
2π×FSW 2
(21)
Adding an input filter to a switching regulator modifies the control-to-output transfer function. The output
impedance of the filter must be sufficiently small so that the input filter does not significantly affect the loop
gain of the buck converter. The impedance peaks at the filter resonant frequency. Use Equation 22 to calculate
the resonant frequency of the passive filter.
fres= 1
2π× LIN×CF
(22)
The purpose of RD is to reduce the peak output impedance of the filter at the resonant frequency. Capacitor CD
blocks the DC component of the input voltage to avoid excessive power dissipation in RD. Capacitor CD must
have lower impedance than RD at the resonant frequency with a capacitance value greater than that of the input
capacitor CIN. This requirement prevents CIN from interfering with the cutoff frequency of the main filter. Added
input damping is needed when the output impedance of the filter is high at the resonant frequency (Q of filter
formed by LIN and CIN is too high). An electrolytic capacitor CD can be used for input damping with a value
shown using Equation 23.
CD≥4×CIN
(23)
Use Equation 24 to select the input damping resistor RD.
RD= LINCIN
(24)
7.1.2 Error Amplifier and Compensation
Figure 7-3 shows a type-ll compensator using a transconductance error amplifier (EA). The dominant pole of the
EA open-loop gain is set by the EA output resistance, RO-EA, and effective bandwidth-limiting capacitance, CBW,
as shown by Equation 25.
GEAopenloop s =− gm×RO−EA
1+s×RO−EA×CBW
(25)
The EA high-frequency pole is neglected in the above expression. Equation 26 calculates the compensator
transfer function from output voltage to COMP node, including the gain contribution from the (internal or external)
feedback resistor network.
Gc s = vcsvouts =−VREFVOUT×gm×RO−EA× 1+ sωz1
1+ sωp1 × 1+ sωp2
(26)
where
• VREF is the feedback voltage reference of 0.8V.
• gm is the EA gain transconductance of 1.1mS.
• RO-EA is the error amplifier output impedance of 10MΩ.
ωz1= 1
RCOMP×CCOMP
(27)
ωp1=
1
RO−EA× CCOMP+CHF+CBW ≅ 1
RO−EA×CCOMP
(28)
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com